Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CU8331N Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # CU8331N
Description  45A DP Switch with Neon (1G size) - Red Rocker
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

CU8331N Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  CU8331N Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
CU8331N
DESCRIPTION
45A DP Switch with Neon (1G size) - Red Rocker
NET WEIGHT (KG)
0.129
FINISH
White
DIMENSIONS (MM)
Height - 86
Width - 86
Projection - 7
MINIMUM MOUNTING BOX DEPTH
47mm
CONSTRUCTION
Construction - Thermoset resin
IP RATING
IP20
INPUT VOLTAGE
230V 50Hz
SWITCH TYPE
Double Pole
EARTH TERMINAL
Yes
NEON INDICATOR
Yes
LOAD/MAX. LOAD
45A
TERMINAL CAPACITY
2 x 6.0mm² or 3 x 4.0mm²
ANTI-MICROBIAL PROPERTIES
3rd Party Tested to ISO 22196:2011
WARRANTY
25year(s)
MANUFACTURED IN ACCORDANCE WITH
BS EN 60669-1
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5055832972037
Date Created: 21/03/2024 00:36
www.mlaccessories.co.uk
CU8331N
45A DP Switch with Neon (1G size) - Red Rocker


Similar Part No. - CU8331N

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
CU8331NW KNIGHTSBRIDGE-CU8331NW Datasheet
171Kb / 1P
45A DP Switch with Neon (1G size) - White Rocker
21/03/2024
More results

Similar Description - CU8331N

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
CLS-RR11A12251R LUMEX-CLS-RR11A12251R Datasheet
53Kb / 1P
RED LED, ILLUMINATED, RECTANGULAR ROCKER SWITCH
CLS-RR11A12252R LUMEX-CLS-RR11A12252R Datasheet
51Kb / 1P
RED LED, ILLUMINATED, RECTANGULAR ROCKER SWITCH
CLS-RR11A120250R LUMEX-CLS-RR11A120250R Datasheet
53Kb / 1P
RED LED, ILLUMINATED, RECTANGULAR ROCKER SWITCH
CLS-RR11A125500R LUMEX-CLS-RR11A125500R Datasheet
51Kb / 1P
RED LED, ILLUMINATED, RECTANGULAR ROCKER SWITCH
logo
CW Industries
GRB049A05BB1 CWIND-GRB049A05BB1 Datasheet
667Kb / 1P
ROCKER SWITCH
GRB136A05BB2 CWIND-GRB136A05BB2 Datasheet
621Kb / 1P
ROCKER SWITCH
logo
GREATECS
RK5 GREATECS-RK5 Datasheet
203Kb / 1P
21 x 15 mm DP Rocker Switch
logo
Omron Electronics LLC
A8GS OMRON-A8GS Datasheet
2Mb / 8P
Minimum size class in the industry Rocker switch with reset function
logo
ZF Friedrichshafen AG
WRG32F2FBBRLN ZFSWITCHES-WRG32F2FBBRLN Datasheet
281Kb / 2P
Rocker Switch
logo
Nihon Kaiheiki Industry...
GW-12LRH NKK-GW-12LRH Datasheet
3Mb / 10P
rocker switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com