Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R24F0501.5 Datasheet(PDF) 5 Page - STMicroelectronics

Part # GS-R24F0501.5
Description  2A DC/DC converter modules
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-R24F0501.5 Datasheet(HTML) 5 Page - STMicroelectronics

  GS-R24F0501.5 Datasheet HTML 1Page - STMicroelectronics GS-R24F0501.5 Datasheet HTML 2Page - STMicroelectronics GS-R24F0501.5 Datasheet HTML 3Page - STMicroelectronics GS-R24F0501.5 Datasheet HTML 4Page - STMicroelectronics GS-R24F0501.5 Datasheet HTML 5Page - STMicroelectronics GS-R24F0501.5 Datasheet HTML 6Page - STMicroelectronics GS-R24F0501.5 Datasheet HTML 7Page - STMicroelectronics GS-R24F0501.5 Datasheet HTML 8Page - STMicroelectronics GS-R24F0501.5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
GS-R24F
Electrical characteristics
5/12
3
Electrical characteristics
TA = 25°C, unless otherwise specified
Table 5.
Electrical characteristics (all version)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Vr
Ripple voltage
VI =24V Io = 2A
for GS-R24Fyyy2.0
25
35
mVpp
Vr
Ripple voltage
VI =24V Io = 1.5A
for GS-R24F1201.5
100
mVpp
Vr
Ripple voltage
VI =24V Io = 1A
for GS-R24F0001.0
100
250
mVpp
Temperature stability
VI =Vo + 1.5V Io = 2A
mV/°C
Io
Output current
VI =16 ÷ 35V
for GS-R24Fyyy2.0
02
A
Io
Output current
VI =16 ÷ 35V
for GS-R24F1201.5
01.5
A
Io
Output current
VI =16 ÷ 35V
for GS-R24F0001.0
01
A
IoL
Current limit
VI =16 ÷ 35V
2.5
A
Iq
Quiescent current
VI =24V Io = 0A
1.8
2.5
mA
Iqst-by
Total stand-by quiescent
current
Vinh>2.2V Vi = 35V
80
150
µA
fs
Switching frequency
VI = 24V Io = 2A
225
250
275
kHz
Vref
Reference voltage
VI = 16 ÷ 35V Iref = 0 ÷ 5mA
3.234
3.3
3.366
V
Short circuit current
8
10
30
mA
INH
INH threshold voltage
Device ON
0.8
V
Device OFF
2.2
V
VFB
Feedback voltage
Vi=16 ÷ 35V IO=0 ÷ 2A
1.22
1.235
1.25
V
SRV
Supply voltage rejection
mV/V
Rth
Thermal resistance
Case to ambient
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com