Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15-004591 Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 15-004591
Description  D-SUB COM. FEMALE 90° 43W2S SOLDER PIN ANGLED with threaded insert, metal bracket, snap and hexlocking screw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

15-004591 Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  15-004591 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH 15-004591 Datasheet HTML 2Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
( 4 : 1 )
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
E
E
E
E
E
E
E
E
F
F
F
F
F
F
F
F
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
15-00459o CONEC ABC
NOTES:
1. FOR WAVESOLDERING (SOLDER BATH TEMERATURE 265°C FOR 8 SEC.
AND SOLDER PREHEAT 150°C FOR 180 SEC.)
2. IP RATING: IP 67
3. SEALED TO WITHSTAND PRESSURE UP TO 1,45 PSI FOR 30 MINUTES
AFTER HIGH TEMPERATURE EXPOSURE
4. METALSHELL:
ZINC DIE CAST; min. 50µin NICKEL PLATING over COPPER
5. INSULATORS: PBT GF UL 94 V-0, GREEN
6. O-RING: SILICONE PER ASTM D2000 70 SHORE A
7. SEALING COMPOUND: EPOXY RESIN UL 94 V-0; BLACK
8. SIGNAL CONTACTS: COPPER ALLOY
PLATING (SEE PART NO):
30µin HARD GOLD over min. 50µin NICKEL if 1o in PART NO.
8µin HARD GOLD over min. 50µin NICKEL if 3o in PART NO.
9. HIGH POWER CONTACTS 20A: COPPER ALLOY
PLATING MATING SIDE (SEE PART NO):
o PLEASE ADD 1 for 30µin HARD GOLD over min. 50µin NICKEL
o PLEASE ADD 3 for 8µin HARD GOLD over min. 50µin NICKEL
PLATING TERMINATION SIDE: 160-240µin TIN over 80µin NICKEL
10. METAL BRACKETS: ZINC DIE CAST;
300µin COPPER/40-120µin NICKEL/120-200µin TIN
11. WASHERS: COPPER ALLOY; 80µin NICKEL
12. HEXLOCKING SCREWS: STAINLESS STEEL
13. PCB-SNAPS: COPPER ALLOY; min. 200µin TIN over 80µin NICKEL
PCB-HOLE: n3.1`0.1; PCB THICKNESS 1.6mm
14. P.C.B. HOLE DRILLINGS and
RECOMMENDED PANEL CUT-OUT ON SHEET 2
15. RECOMMENDED TORQUE FOR MOUNTING SCREW 35Ncm (3.1 in.LB) / max.67Ncm (6 in.LB)
16. CONNECTOR IS PART MARKED: 15-00459o CONEC ABC
dim. in mm
R
R
R
R
date
drawn
d-old
norm
appd.
tolerance
material:
title:
dwg no:
DIN-
sh:
part no:
name
date
name
description
rev.
scale:
15K1A858
A3
1
D-SUB COM. FEMALE 90°
see notes
Henneboel
24.05.11
24.05.11
Fischer
43W2S SOLDER PIN ANGLED
with threaded insert, metal bracket, snap and hexlocking screw
2:1 (4:1)
15-00459
a
Original
O-RING
SEE NOTE 16
4-40 UNC
5 - 0,5
0,3
+
14 `0,3
3,2 `0,2
AT ALL TIMES WATER RESISTANT CONNECTORS
NOT IN USE SHOULD BE COVERED
WITH A CONEC WATER RESISTANT CAP
OR WATER TIGHT HOOD.
4,8
SW
10,85 - 0,23
0,02
+
7,5 `0,3
PCB-SNAP
SEALING
COMPOUND
52,6 - 0,2
0,05
+
61,1 - 0,11
0,14
+
75,6 - 0
0,3
+
10°
4-40 UNC
METAL BRACKET
PRESS FOR FIXING ON PCB
Directive 2002/95/EC RoHS compliant
o (see note 9)


Similar Part No. - 15-004591

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
15-004541 CONEC-15-004541 Datasheet
231Kb / 2P
D-SUB COMBINATION MALE 17W2P SOLDER CUP with hexlocking screw
18.01.11
15-004543 CONEC-15-004543 Datasheet
231Kb / 2P
D-SUB COMBINATION MALE 17W2P SOLDER CUP with hexlocking screw
18.01.11
15-004551 CONEC-15-004551 Datasheet
164Kb / 2P
D-SUB COMBINATION MALE 13W3P SOLDER CUP with hexlocking screw
31.01.11
15-004553 CONEC-15-004553 Datasheet
164Kb / 2P
D-SUB COMBINATION MALE 13W3P SOLDER CUP with hexlocking screw
31.01.11
15-004561 CONEC-15-004561 Datasheet
191Kb / 2P
D-SUB COMB. FEMALE 13W3S SOLDER CUP with hexlocking screw
31.01.11
More results

Similar Description - 15-004591

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
4STD09SBU99R40X CONEC-4STD09SBU99R40X Datasheet
466Kb / 2P
D-SUB Female 9pos. Solder pin angled 90° with metal bracket,threaded insert, snap and hexlocking screw
16.10.2017
6STD09SAT99S30X CONEC-6STD09SAT99S30X Datasheet
298Kb / 2P
D-SUB FEMALE 90° 9pos. SOLDER PIN ANGLED with threaded insert, metal bracket,snap, hexlocking screw
29.03.16
6STD15SAT99S30X CONEC-6STD15SAT99S30X Datasheet
1Mb / 2P
D-SUB Female 15pos. Solder pin angled 90° with metal bracket, threaded insert, snap and hexlocking screw
22.11.16
6STD15SAU99R20X CONEC-6STD15SAU99R20X Datasheet
439Kb / 2P
D-SUB Female 15pos. Solder pin angled 90° with metal bracket, threaded insert and hexlocking screw
22.07.2020
6STD25SAT99S20X CONEC-6STD25SAT99S20X Datasheet
577Kb / 2P
D-SUB Female 25pos. Solder pin angled 90° with metal bracket, threaded insert and hexlocking screw
04.07.2011
6STD25SAT99S30X CONEC-6STD25SAT99S30X Datasheet
523Kb / 2P
D-SUB FEMALE 90° 25pos. SOLDER PIN ANGLED threaded insert, metal bracket, snap and hexlocking screw
07.05.13
6STD25SAU99R40X CONEC-6STD25SAU99R40X Datasheet
2Mb / 2P
D-SUB Female 25pos. Solder pin angled 90° with metal bracket, threaded insert, snap and hexlocking screw
17.04.12
6STD25SCT99S30X CONEC-6STD25SCT99S30X Datasheet
523Kb / 2P
D-SUB FEMALE 90° 25pos. SOLDER PIN ANGLED threaded insert, metal bracket, snap and hexlocking screw
07.05.13
6STD37SAT99S20X CONEC-6STD37SAT99S20X Datasheet
691Kb / 2P
D-SUB Female 37pos. Solder pin angled 90° with metal bracket, threaded insert and hexlocking screw
24.01.2018
6STD37SAZ99S20X CONEC-6STD37SAZ99S20X Datasheet
572Kb / 2P
D-SUB Female 37pos. Solder pin angled 90° threaded insert, metal bracket and hexlocking screw
21.08.2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com