Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

192572 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 192572
Description  Fine filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

192572 Datasheet(HTML) 1 Page - Festo Corporation.

  192572 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fine filter
LFMB-D-MINI-A
Part number: 192572
General operating condition
Data sheet
Feature
Value
Series
D
Size
Mini
Structural design
Fiber filter
Grade of filtration
1 µm
Condensate drain
Fully automatic
Symbol
00991520
Operating pressure
2 bar ... 12 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [6:8:4]
Inert gas
Air quality class at the output
Compressed air as per ISO 8573-1:2010 [5:7:3]
Inert gas
Filter efficiency
99.99 %
Max. condensate volume
22 ml
Bowl guard
Metal bowl guard
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Temperature of medium
1.5 °C ... 60 °C
Ambient temperature
-10 °C ... 60 °C
Storage temperature
-10 °C ... 60 °C
Residual oil content
0.5 mg/m³
Type of mounting
Optionally:
Line installation
With accessories
Mounting position
Vertical +/- 5°
Pneumatic connection 1
Sub-base
Pneumatic connection 2
Sub-base
Housing material
Die-cast zinc
Compressed air filter material
Borosilicate fiber
Material of bowl
PC
Note on materials
RoHS-compliant
3/20/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 192572

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1925728 PHOENIX-1925728 Datasheet
749Kb / 18P
PCB connector - FKC 2,5/ 5-ST-5,08-RF
More results

Similar Description - 192572

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
531810 FESTO-531810 Datasheet
78Kb / 1P
Fine filter
3/3/22
536825 FESTO-536825 Datasheet
80Kb / 2P
Fine filter
3/3/22
529662 FESTO-529662 Datasheet
78Kb / 1P
Fine filter
3/6/22
530508 FESTO-530508 Datasheet
78Kb / 1P
Fine filter
3/6/22
531850 FESTO-531850 Datasheet
79Kb / 1P
Fine filter
3/6/22
531852 FESTO-531852 Datasheet
78Kb / 1P
Fine filter
3/6/22
531873 FESTO-531873 Datasheet
78Kb / 1P
Fine filter
3/6/22
536841 FESTO-536841 Datasheet
79Kb / 2P
Fine filter
3/6/22
536859 FESTO-536859 Datasheet
80Kb / 2P
Fine filter
3/6/22
536862 FESTO-536862 Datasheet
80Kb / 2P
Fine filter
3/6/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com