Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BASXW Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # BASXW
Description  Silicon Epitaxial Planar Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

BASXW Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  BASXW Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . BASXW Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . BASXW Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicon Epitaxial Planar Diodes
High Voltage Switching Diodes
Absolute Maximum Ratings (Ta = 25℃)
Parameter
Symbol
Value
Unit
Reverse Voltage
BAS19W
BAS20W
BAS21W
VR
120
200
250
V
Continuous Forward Current
IF(AV)
200
mA
Repetitive Peak Forward Current
IFRM
625
mA
Non-repetitive Peak Forward Surge Current
at t = 1 s
at t = 1
μs
IFSM
0.5
2.5
A
Total Device Dissipation
Ptot
250
mW
Thermal Resistance Junction to Ambient
RθJA
357
℃/W
Junction and Storage Temperature Range
Tj, Tstg
- 55 to + 150
℃
Characteristics at Ta = 25℃
Parameter
Symbol
Min.
Max.
Unit
Reverse Breakdown Voltage
at IR = 100 µA
at IR = 100 µA
at IR = 100 µA
BAS19W
BAS20W
BAS21W
V(BR)R
120
200
250
-
-
-
V
Forward Voltage
at IF = 100 mA
at IF = 200 mA
VF
-
-
1
1.25
V
Reverse Current
at VR = 100 V
at VR = 150 V
at VR = 200 V
at VR = 100 V, Tj = 150℃
at VR = 150 V, Tj = 150℃
at VR = 200 V, Tj = 150℃
BAS19W
BAS20W
BAS21W
BAS19W
BAS20W
BAS21W
IR
-
-
-
-
-
-
0.1
0.1
0.1
100
100
100
µA
Total Capacitance
at VR = 0, f = 1 MHz
Ctot
-
5
pF
Reverse Recovery Time
at IF = IR= 30 mA, IR(REC) = 3 mA, RL = 100 Ω
trr
-
50
ns
1
3
2
BAS19W
BAS20W
BAS21W
2
1
3
BAS21AW
1
3
2
BAS21CW
3
1
2
BAS21SW
Marking Code:
BAS19W~BAS21W: T3
BAS21AW: F2
BAS21CW: F3
BAS21SW: F4
SOT-323 Plastic Package
ASxW-SERIES
B


Similar Part No. - BASXW

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
BASXXT GWSEMI-BASXXT Datasheet
857Kb / 3P
SWITCHING DIODE
More results

Similar Description - BASXW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4148 VISHAY-1N4148 Datasheet
44Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
BAV100 VISHAY-BAV100 Datasheet
54Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
LL4154 VISHAY-LL4154 Datasheet
51Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Zowie Technology Corpor...
LL4148 ZOWIE-LL4148 Datasheet
43Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
SEMTECH ELECTRONICS LTD...
MCL914 SEMTECH_ELEC-MCL914 Datasheet
286Kb / 4P
SILICON EPITAXIAL PLANAR DIODES
BAV200 SEMTECH_ELEC-BAV200 Datasheet
166Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
Shenzhen Luguang Electr...
BAS316 LUGUANG-BAS316 Datasheet
401Kb / 3P
Silicon Epitaxial Planar Diodes
logo
SUNMATE electronic Co.,...
LL914 SUNMATE-LL914 Datasheet
290Kb / 1P
SILICON EPITAXIAL PLANAR DIODES
1SS110 SUNMATE-1SS110 Datasheet
244Kb / 1P
SILICON EPITAXIAL PLANAR DIODES
logo
Zibo Seno Electronic En...
BAV19W ZSELEC-BAV19W Datasheet
91Kb / 3P
Silicon Epitaxial Planar Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com