Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB Datasheet(PDF) 1 Page - Heyco.

Part # USB
Description  Connector Caps and Plugs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEYCO [Heyco.]
Direct Link  https://www.heyco.com/
Logo HEYCO - Heyco.

USB Datasheet(HTML) 1 Page - Heyco.

  USB Datasheet HTML 1Page - Heyco.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
“Stay Connected” with
Bushings, Grommets, HEYcaps & Plugs
®
6-43
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
Quick
Specs
USB-A
USB-B
CP-RJxx
Material
Vinyl
LDPE
Silicone Rubber
Fammability Rate
HB
HB
HB
Temperature Range
-26°F (-32°C)
0°F (-18°C)
-26°F (-32°C)
to 200°F (93°C)
to 175°F (79°C)
to 400°F (204°C)
USB-A Cap
• Silicone material for high temperature
applications up to 302°F (150°C).
• Protects adapter’s internal components
with stress-free installation.
USB-B Cap
• Non-conductive, inexpensive, protects
USB-B ports.
• Shields female ports from dust,
moisture, and contaminants.
• USB-B plugs have a convenient pull-tab
for quick and easy removal.
• Applicable Specs: USB-B MS-90376-Y,
MS-25177, NAS-820, NAS-837
Heyco® Connector Caps and Plugs
CP-RJ Plugs
• Silicone material for high temperature
applications up to 302° F (150° C).
• Protects adapter’s internal components
with stress-free installation.
• For Heyco Connector Port Plugs, Part
Nos. 3388 and 3389, see page 6-34.
PART NO.
DESCRIPTION
PART DIMENSIONS
Black
AB
C
in.
mm.
in.
mm.
in.
mm.
USB Series
2960
USB-A Cap*
.48
12,2
.18
4,6
.44
11,1
2962
USB-B Plug
.36
9,0
.25
6,4
.25
6,4
CP-RJ Series
2967
CP-RJ11
.41
10,4
.41
10,4
.33
8,4
2969
CP-RJ45
.49
12,4
*USB-A Cap color is red.
A
B
C
.10
(2,5 mm)
.26
(6,5 mm)
HEYCO
A
B
C
A
B
C
CP-RJ
USB-A
USB-B


Similar Part No. - USB

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
USB MICROSEMI-USB Datasheet
136Kb / 3P
RECTIFIERS ASSEMBLIES
logo
Axiomtek Co., Ltd.
USB CABLE AXIOMTEK-USB CABLE Datasheet
623Kb / 3P
1.6" SBC with Intel Alder Lake-N® Processor, LPDDR5, eDP, M.2 Key E, 2 USB 3.2 (Type-C), and USB 3.2 (Vertical Type-C)
Jul. 08, 2025.
logo
Sennheiser electronic S...
USB MICROPHONE SENNHEISER-USB MICROPHONE Datasheet
777Kb / 3P
PROFILE USB Microphone
V1.0
logo
Pro-Signal
USB-002 PROSIGNAL-USB-002 Datasheet
96Kb / 1P
USB Data Link
26/04/09 V1.0
USB-0039DBL PROSIGNAL-USB-0039DBL Datasheet
115Kb / 1P
USB Double Serial Adaptor
12/05/12 V1.1
More results

Similar Description - USB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD-A-88K ETC-GD-A-88K Datasheet
138Kb / 1P
MODULAR JACKS AND PLUGS
logo
ETRI
9601-36 ETRI-9601-36 Datasheet
82Kb / 1P
PLUGS AND CABLES
logo
Aries Electronics, Inc.
LP300 ARIES-LP300 Datasheet
121Kb / 1P
Programmers and Shorting Plugs
logo
Switchcraft, Inc.
RAPC752 SWITCH-RAPC752 Datasheet
352Kb / 1P
JACKS AND PLUGS
491 SWITCH-491 Datasheet
28Kb / 1P
LED INDICATORS, DUMMY PLUGS AND HOLE PLUGS
logo
List of Unclassifed Man...
8478 ETC2-8478 Datasheet
320Kb / 1P
HOLE PLUGS and BUSHINGS
6030 ETC2-6030 Datasheet
373Kb / 1P
PLUGS AND JACKS
65530WHI ETC2-65530WHI Datasheet
142Kb / 2P
Plugs and Adaptors
logo
Glenair, Inc.
187-019 GLENAIR-187-019 Datasheet
134Kb / 1P
Pin and Socket Dust Caps
logo
CamdenBoss Ltd.
CCA12 CAMDENBOSS-CCA12 Datasheet
159Kb / 1P
Camcirc metal and rubber caps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com