Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSW1012 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # CSW1012
Description  COMPACT SINE WAVE ON THE GO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

CSW1012 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  CSW1012 Datasheet HTML 1Page - Sensata Technologies, Inc. CSW1012 Datasheet HTML 2Page - Sensata Technologies, Inc. CSW1012 Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2
Copyright © 2019 Sensata Technologies, Inc.
www.sensata.com
SPECIFICATIONS
CSW412
CSW1012
CSW2012
CSW2012-X
INVERTER SPECIFICATIONS - OUTPUT
Continuous power at nominal DC voltage
400 watts
1000 watts
2000 watts
2000 watts
Peak surge power
800 watts
2000 watts
4000 watts
4000 watts
10 sec surge power
400 - 550 watts
1000 - 1500 watts
2000-3000 watts
2000-3000 watts
1 sec surge power
550-800 watts
1500 - 2000 watts
3000-4000 watts
3000-4000 watts
200 msec surge power
> 800 watts
> 2000 watts
> 4000 watts
> 4000 watts
AC output voltage at 12.5 VDC
120 VAC ± 5%
120 VAC ± 5%
120 VAC ± 5%
120 VAC ± 5%
AC ouput current
3.3 AAC
8.3 AAC
16.6 AAC
16.6 AAC
AC output voltage range
104 - 127 VAC
104 - 127 VAC
104 - 127 VAC
104 - 127 VAC
AC output frequency
60 Hz ± 0.5 Hz
60 Hz ± 0.5 Hz
60 Hz ± 0.5 Hz
60 Hz ± 0.5 Hz
AC output waveform
Pure sine wave
Pure sine wave
Pure sine wave
Pure sine wave
Total harmonic distortion [THD]
< 3%
< 3%
< 3%
< 3%
Transfer Time
NA
NA
NA
< 30 ms
USB
5 V, 750 mA
5 V, 750 mA
5V, 2.1 A
5V, 2.1 A
INVERTER SPECIFICATIONS - INPUT
Nominal DC input voltage
12.5 VDC
12.5 VDC
12.5 VDC
12.5 VDC
DC input voltage range
10.5 - 15.5 VDC
10.5 - 15.5 VDC
10.5 - 15.5 VDC
10.5 - 15.5 VDC
Input current
38 DCA
94 DCA
187 DCA
193 DCA
No load draw
< 0.8 ADC
< 1.2 ADC
< 1.2 ADC
< 1.5 ADC
Optimum efficiency
> 90%
> 90%
> 90%
> 90%
High voltage shutdown
15.5 VDC
15.5 VDC
15.5 VDC
15.5 VDC
Low voltage alarm
11.0 VDC, audible
11.2 VDC, audible
11.2 VDC, audible
11.2 VDC, audible
Low voltage shutdown
10.5 VDC
10.5 VDC,
Recover at 11.8 VDC
10.5 VDC
10.5 VDC
GENERAL FEATURES AND CAPABILITIES
Transfer relay capability
NA
NA
NA
30 AAC
Display status indictator
LED: Power, Fault
Green, amber, red
LED: Status
LED: Status, Display
Digital display
None
Input voltage/current,
output power
Input voltage, output
power, warning, and
error code
Input voltage, output
power, warning, and
error code
AC receptacles
NEMA 5-15 [GFCI]
NEMA 5-15 [GFCI]
NEMA 5-20 [GFCI]
NEMA 5-20 [GFCI]
Listings
Conforms to UL458, Certified to CSA C22.2 No. 107.1, meets FCC Class B
Warranty
One year
One year
One year
One year



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com