Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GV21 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # GV21
Description  SPST-NO 900 VDC CONTACTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

GV21 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  GV21 Datasheet HTML 1Page - Sensata Technologies, Inc. GV21 Datasheet HTML 2Page - Sensata Technologies, Inc. GV21 Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2
www.sensata.com
Copyright © 2022 Sensata Technologies, Inc.
COIL RATINGS at 25˚C
DC Power Switching Cycles
Nominal Voltage
12Vdc
24Vdc
48Vdc
Maximum Voltage
16Vdc
28Vdc
52Vdc
Pick Up Voltage
Up to
9.6Vdc
16Vdc
33Vdc
Drop Out Voltage
1.2Vdc
2.4Vdc
4.8Vdc
Coil Current
461mA
250mA
122mA
Coil Power
5.5W
6.0W
6.0W
Coil Resistance ± 5% (ohms)
26
96
392
Operate Time
25ms
Release Time
10ms
DIMENSIONS
Dimensions are in millimeters [inches]
Coil terminal polarity is X1 (+) and X2 (-)
All dimensions are +/- 0.5mm unless stated otherwise.
M5 FEMALE LOAD TERMINALS - 2 PLACES
HARDWARE :
2 X M5 BOLT, LOCKWASHER AND WASHER
TORQUE: 30 TO 40 IN-LBS [3.4 TO 4.5 NM]



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com