Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BST15 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # BST15
Description  SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BST15 Datasheet(HTML) 1 Page - Zetex Semiconductors

  BST15 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT89 PNP SILICON PLANAR
HIGH VOLTAGE TRANSISTOR
ISSUE 3 – FEBRUARY 1996
7
FEATURES
*
High V
CEO
*
Low saturation voltage
COMPLEMENTARY TYPE –
BST40
PARTMARKING DETAIL –
BT1
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-200
V
Collector-Emitter Voltage
VCEO
-200
V
Emitter-Base Voltage
VEBO
-4
V
Peak Pulse Current
ICM
-1
A
Continuous Collector Current
IC
-500
mA
Power Dissipation at Tamb=25°C
Ptot
1W
Operating and Storage Temperature
Range
Tj:Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
-200
V
IC=-100µA
Collector-Emitter
Breakdown Voltage
V(BR)CEO
-200
V
IC=-1mA
Emitter-Base
Breakdown Voltage
V(BR)EBO
-4
V
IE=-100µA
Collector Cut-Off
Current
ICBO
-1
µA
VCB=-175V
Collector Cut-Off
Current
ICEO
-50
µA
VCB=-150V
Emitter Cut-Off Current IEBO
-20
µA
VEB=-4V
Collector-Emitter
Saturation Voltage
VCE(sat)
- 2.0
-0.5
V
V
IC=-50mA, IB=-5mA*
IC=-30mA, IB=-3mA*
Static Forward Current
Transfer Ratio
hFE
30
150
IC=-50mA, VCE=-10V*
Transition Frequency
fT
15
MHz
IC=-10mA, VCE=-10V*
f = 30MHz
Output Capacitance
Cobo
15
pF
VCB=-10V, f=1MHz
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤2%
For typical characteristics graphs see FMMTA92 datasheet.
BST15
C
C
B
E
SOT89
3 - 75


Similar Part No. - BST15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BST15 PHILIPS-BST15 Datasheet
40Kb / 8P
PNP high-voltage transistors
1999 Apr 26
logo
Synology Inc.
BST150-4T SYNOLOGY-BST150-4T Datasheet
3Mb / 6P
BeeStation
logo
CIT Relay & Switch
BST15P1A CIT-BST15P1A Datasheet
242Kb / 4P
CIT SWITCH
BST15P1B CIT-BST15P1B Datasheet
242Kb / 4P
CIT SWITCH
BST15P1N CIT-BST15P1N Datasheet
242Kb / 4P
CIT SWITCH
More results

Similar Description - BST15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BFN17 ZETEX-BFN17 Datasheet
17Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BFN19 ZETEX-BFN19 Datasheet
16Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FCX593 ZETEX-FCX593_06 Datasheet
415Kb / 6P
SOT89 Silicon planar high voltage transistor
FCX596 ZETEX-FCX596_06 Datasheet
790Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FCX558 DIODES-FCX558 Datasheet
27Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
MARCH 1996
FCX593 DIODES-FCX593 Datasheet
255Kb / 6P
SOT89 Silicon planar high voltage transistor
November 2006
FCX596 DIODES-FCX596 Datasheet
711Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE
November 2006
FCX558TA DIODES-FCX558TA Datasheet
297Kb / 6P
400V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT89
Rev 4
logo
Fairchild Semiconductor
FCX596TA FAIRCHILD-FCX596TA Datasheet
711Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FCX596 DIODES-FCX596_15 Datasheet
711Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
NOVEMBER 2006
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com