Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

735O2T-0081000 Datasheet(PDF) 1 Page - Belden Inc.

Part # 735O2T-0081000
Description  DS3/DS4 Central Office Coax, 2 x Sub-miniature RG-59, 26 AWG, Solid SC,Foil 95% TC Braids, PVC Inner & Outer Jkts, Tracer, CMR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

735O2T-0081000 Datasheet(HTML) 1 Page - Belden Inc.

  735O2T-0081000 Datasheet HTML 1Page - Belden Inc. 735O2T-0081000 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 735O2T
DS3/DS4 Central Office Coax, 2 x Sub-miniature RG-59, 26 AWG, Solid SC,
Foil + 95% TC Braids, PVC Inner & Outer Jkts, Tracer, CMR
Product Description
DS3/DS4 Central Office Coax, 2 Coaxes, Sub-miniature RG-59, 26 AWG, Solid Silvered Copper Conductor, PE Insulation, Foil + 95% Tinned Copper Braid
Shields, PVC Inner and Outer Jackets, Tracer Wire, CMR
Technical Specifications
Product Overview
Suitable Applications:
Central office wiring, DS3/DS4 interconnect, 734/735 telecommunications systems, switchboard communications
Construction Details
RG Type:
Sub-miniature 59
Conductor
Size
Stranding Nom. Diameter
Material
26 AWG Solid
0.016 in
SC - Silvered Copper
Insulation
Material
Nom. Insulation Diameter
PE - Polyethylene (Foam) 0.077 in (2.0 mm)
Inner Shield
Layer Shield Type
Material
Material Trade Name Coverage
1
Tape
Bi-Laminate (Alum+Poly) Beldfoil®
100%
2
Braid
Tinned Copper (TC)
95%
Inner Jacket
Material
Nom. Diameter
PVC - Polyvinyl Chloride 0.129 in (3.28 mm)
Table Notes:
One red, one gray
Outer Jacket
Material
PVC - Polyvinyl Chloride
Table Notes:
0.308 in x 0.179 in, 22 AWG tracer wire on side
Electrical Characteristics
Return Loss (RL)
Frequency
Min. Return Loss
15 - 95 MHz 30 dB
Electricals
Nom. Conductor DCR
Nom. Capacitance Cond-to-Shield Nom. Characteristic Impedance Nom. Velocity of Prop.
41 Ohm/1000ft (130 Ohm/km) 17.7 pF/ft (58.1 pF/m)
75 Ohm
76%
Voltage
UL Voltage Rating


Similar Part No. - 735O2T-0081000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
735 ETC2-735 Datasheet
362Kb / 1P
GROMMETS , BUSHINGS
735 ETC2-735 Datasheet
707Kb / 1P
RS-232 Interface
logo
Keystone Electronics Co...
735 KEYSTONE-735 Datasheet
83Kb / 1P
GROMMETS, BUMPERS & BUSHINGS
31-07 20th
735 KEYSTONE-735 Datasheet
355Kb / 1P
GROMMETS & BUSHINGS
31-07 20th
logo
Alpha Wire
735-405 ALPHAWIRE-735-405 Datasheet
114Kb / 2P
AK05 ??Polystyrene and Polycarbonate - 125 x 200 mm
More results

Similar Description - 735O2T-0081000

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
179DT BELDEN-179DT Datasheet
242Kb / 3P
Serial Digital Coax, Ultra-miniature, RG179 Type, 28.5 AWG Solid BC, Foil TC Braid, CMR
1505A BELDEN-1505A Datasheet
251Kb / 4P
Serial Digital Coax, RG59, #20 Solid BC, Foil 95% TC Braid, CMR
1794A BELDEN-1794A Datasheet
275Kb / 4P
Serial Digital Coax, RG7 Type, #16 Solid BC, Foil 95% TC braid, CMR
1855A BELDEN-1855A Datasheet
247Kb / 4P
Serial Digital Coax, Sub-miniature, #23 Solid BC, Foil 95% TC braid, CMR
1855P BELDEN-1855P Datasheet
241Kb / 3P
Serial Digital Coax, Sub-miniature, #23 Solid BC, Foil 95% TC braid, CMP
4505R BELDEN-4505R Datasheet
242Kb / 4P
12 GHz Coax, 4K UHD Precision Video Cable, RG-59, 75 Ohm, 20 AWG Solid, CMR
7731A BELDEN-7731A Datasheet
247Kb / 4P
Serial Digital Coax, RG11, #14 Solid BC, Foil 95% TC braid, CMR
1505F BELDEN-1505F Datasheet
243Kb / 2P
75 Ohm SDI Coax, RG-59, 22 AWG Str BC, Double 95% TC Braid
8241 BELDEN-8241 Datasheet
235Kb / 2P
75 Ohm Analog Video Coax, RG-59, 23 AWG Solid BCCS, 95% BC Braid, PVC Jkt, CM
8219 BELDEN-8219 Datasheet
229Kb / 2P
50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Str TC, 95% TC Braid, PVC Jkt, CM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com