Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYP53-150 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # BYP53-150
Description  25A Silicon Power Rectifier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BYP53-150 Datasheet(HTML) 2 Page - Zetex Semiconductors

  BYP53-150 Datasheet HTML 1Page - Zetex Semiconductors BYP53-150 Datasheet HTML 2Page - Zetex Semiconductors BYP53-150 Datasheet HTML 3Page - Zetex Semiconductors BYP53-150 Datasheet HTML 4Page - Zetex Semiconductors BYP53-150 Datasheet HTML 5Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BYP53 / BYP54
Absolute maximum ratings
(at Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Unit
Test condition
BYP53-75
BYP54-75
75
BYP53-100
BYP54-100
100
BYP53-150
BYP54-150
150
BYP53-200
BYP54-200
200
BYP53-300
BYP54-300
300
BYP53-400
BYP54-400
400
BYP53-500
BYP54-500
500
BYP53-600
BYP54-600
600
BYP53-700
BYP54-700
700
Repetitive
peak
reverse
voltage
BYP53-800
BYP54-800
VRRM
800
V
Tc = 140°C
Forward current, arithmetic value
IFAV
25
A
425
half-sine wave,
≤ 10 ms
Surge forward current
IFSM
350
A
TJ = 175°C half-sine
wave,
≤ 10 ms
900
half-sine wave,
≤ 10 ms
Maximum rated value
∫i²dt
780
A²s
TJ = 175°C half-sine
wave,
≤ 10 ms
Repetitive peak forward current
IFRM=π*IFAV
79
A
f = >15 Hz
Effective forward current
IFRMS
45
A
Junction temperature
TJmax
175
°C
Storage temperature range
Tstg
- 50 to + 140
°C
Issue 4 – September 2006
2
www.zetex.com
© Zetex Semiconductors plc 2006



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com