Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZP61 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # BZP61
Description  Silicon Power Zener Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BZP61 Datasheet(HTML) 3 Page - Zetex Semiconductors

  BZP61 Datasheet HTML 1Page - Zetex Semiconductors BZP61 Datasheet HTML 2Page - Zetex Semiconductors BZP61 Datasheet HTML 3Page - Zetex Semiconductors BZP61 Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BZP61 / BZP62
Electrical characteristics
(at Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test contitions
BZP61-22
BZP62-22
20.8
22
23.3
BZP61-27
BZP62-27
25.1
27
28.9
BZP61-33
BZP62-33
31
33
35
Z-voltage
BZP61-39
BZP62-39
VZ
37
39
41
V
at IZ = 100mA
Forward voltage
VF
-
1.0
1.1
V
IF = 35 A,
measuring time
1ms
Reverse current
IR
-
-
200
µA
at VZ –5V
BZP61-22
BZP62-22
-
-
2
BZP61-27
BZP62-27
-
-
3.5
BZP61-33
BZP62-33
-
-
5
Dynamical
resistance
BZP61-39
BZP62-39
rZ
-
-
6
Ω
at IZ = 100mA
BZP61-22
BZP62-22
-
-
200
BZP61-27
BZP62-27
-
-
350
BZP61-33
BZP62-33
-
-
500
Dynamical
resistance
(information
value)
BZP61-39
BZP62-39
rZ
-
-
700
mΩ
at IZ = 1A
BZP61-22
BZP62-22
-
-
20
BZP61-27
BZP62-27
-
-
35
BZP61-33
BZP62-33
-
-
50
Dynamical
resistance
(information
value)
BZP61-39
BZP62-39
rZ
-
-
80
mΩ
at IZ = 10A
Issue 2 – August 2006
3
www.zetex.com
© Zetex Semiconductors plc 2006



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com