Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZP61-22 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # BZP61-22
Description  Silicon Power Zener Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BZP61-22 Datasheet(HTML) 2 Page - Zetex Semiconductors

  BZP61-22 Datasheet HTML 1Page - Zetex Semiconductors BZP61-22 Datasheet HTML 2Page - Zetex Semiconductors BZP61-22 Datasheet HTML 3Page - Zetex Semiconductors BZP61-22 Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BZP61 / BZP62
Absolute maximum ratings
(at Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Unit
Test condition
BZP61-22
BZP62-22
5.5
BZP61-27
BZP62-27
4.5
BZP61-33
BZP62-33
3.8
Z-current
(continuous)
BZP61-39
BZP62-39
IZ
3.3
A
Tc = 25°C
Mean forward current
IF(AV)
35
A
sinusoidal,
f = 15 - 1000 Hz
600
TJ = 25°C,
half-sine wave,
≤ 10 ms
Surge forward current
IFSM
500
A
TJ = 175°C,
half-sine wave,
≤ 10 ms
1800
TJ = 25°C,
half-sine wave,
≤ 10 ms
Maximum rated value
∫i²dt
1250
A²s
TJ = 175°C,
half-sine wave,
≤ 10 ms
Repetitive peak forward current
IFRM=π*IF(AV)
110
A
f = 15 - 1000 Hz
Effective forward current
IF(RMS)
55
A
sinusoidal,
f = 15 - 1000 Hz
Junction temperature
TJmax
140
°C
Storage temperature range
Tstg
- 50 to + 140
°C
Thermal resistance
Parameter
Symbol
Value
Unit
Junction to case
RθJC
0.8
°C/W
Issue 2 – August 2006
2
www.zetex.com
© Zetex Semiconductors plc 2006



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com