Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCX705 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # FCX705
Description  120V PNP SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FCX705 Datasheet(HTML) 2 Page - Zetex Semiconductors

  FCX705_02 Datasheet HTML 1Page - Zetex Semiconductors FCX705_02 Datasheet HTML 2Page - Zetex Semiconductors FCX705_02 Datasheet HTML 3Page - Zetex Semiconductors FCX705_02 Datasheet HTML 4Page - Zetex Semiconductors FCX705_02 Datasheet HTML 5Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FCX705
SEMICO NDUC TORS
ISSUE 4 - DECEMBER 2002
2
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient (a)
RθJA
125
°C/W
Junction to Ambient (b)
RθJA
45
°C/W
THERMAL RESISTANCE
NOTES
(a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions
(b) For a device surface mounted on FR4 PCB measured at t 5 secs.
PARAMETER
SYMBOL
LIMIT PNP
UNIT
Collector-Base Voltage
VCBO
-140
V
Collector-Emitter Voltage
VCEO
-120
V
Emitter-Base Voltage
VEBO
-10
V
Peak Pulse Current
ICM
-4
A
Continuous Collector Current
IC
-1
A
Power Dissipation at TA=25°C (a)
Linear Derating Factor
PD
1
8
W
mW/°C
Power Dissipation at TA=25°C (b)
Linear Derating Factor
PD
2.8
22
W
mW/°C
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ABSOLUTE MAXIMUM RATINGS.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com