Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT459 Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # FMMT459
Description  500V Silicon NPN high voltage switching transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FMMT459 Datasheet(HTML) 4 Page - Zetex Semiconductors

  FMMT459 Datasheet HTML 1Page - Zetex Semiconductors FMMT459 Datasheet HTML 2Page - Zetex Semiconductors FMMT459 Datasheet HTML 3Page - Zetex Semiconductors FMMT459 Datasheet HTML 4Page - Zetex Semiconductors FMMT459 Datasheet HTML 5Page - Zetex Semiconductors FMMT459 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FMMT459
Issue 5 - August 2005
4
www.zetex.com
© Zetex Semiconductors plc 2005
Electrical characteristics (at Tamb = 25°C unless otherwise stated)
Note: For high voltage applications, the appropriate industry sector guidelines should be
considered with regards to voltage spacing between Terminals.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Collector-base
breakdown voltage
BVCBO
500
700
V
IC = 100 A
Collector-emitter
breakdown voltage
BVCEV
500
700
V
IC = 10 A,
0.3V > VBE > -1V
Collector-emitter
breakdown voltage
BVCEO
450
500
V
IC = 10mA
*
Emitter-base
breakdown voltage
BVEBO
68.1
V
IE = 100 A
Emitter-base
breakdown voltage
(reverse blocking)
BVECV
68.1
V
IC = 1 A,
0.3V > VBC > -6V
Collector-emitter
cut-off current
ICES
100
nA
VCE=450V
Collector-base
cut-off current
ICBO
100
nA
VCB=450V
Emitter-base
cut-off current
IEBO
100
nA
VEB=5V
Static forward current
transfer ratio
HFE
50
120
70
IC = 30mA, VCE = 10V
IC = 50mA
*, V
CE = 10V
Collector-emitter
saturation voltage
VCE(sat)
60
70
75
90
mV
mV
IC = 20mA, IB = 2mA
*
IC = 50mA, IB = 6mA
*
NOTES:
* Measured under pulsed conditions. Pulse width = 300 s; duty cycle <2%
Base-emitter
saturation voltage
VBE(sat)
0.76
0.9
V
IC = 50mA, IB = 5mA
*
Base-emitter turn-on
voltage
VBE(on)
0.71
0.9
V
IC = 50mA, VCE = 10V
*
Transition frequency
fT
50
MHz
IC = 10mA, VCE = 20V
f = 20MHZ
Output capacitance
Cobo
5
PFVCB = 20V, f = 1MHZ
Turn-on time
t(ON)
113
ns
IC = 50mA, VC = 100V
IB1 = 5mA, IB2 = 10mA
Turn-off time
t(OFF)
3450
ns
IC = 50mA, VC = 100V
IB1 = 5mA, IB2 = 10mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com