Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTA114EEF Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PDTA114EEF
Description  PNP resistor-equipped transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTA114EEF Datasheet(HTML) 2 Page - NXP Semiconductors

  PDTA114EEF Datasheet HTML 1Page - NXP Semiconductors PDTA114EEF Datasheet HTML 2Page - NXP Semiconductors PDTA114EEF Datasheet HTML 3Page - NXP Semiconductors PDTA114EEF Datasheet HTML 4Page - NXP Semiconductors PDTA114EEF Datasheet HTML 5Page - NXP Semiconductors PDTA114EEF Datasheet HTML 6Page - NXP Semiconductors PDTA114EEF Datasheet HTML 7Page - NXP Semiconductors PDTA114EEF Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 May 21
2
Philips Semiconductors
Preliminary specification
PNP resistor-equipped transistor
PDTA114EEF
FEATURES
• Power dissipation comparable to SOT23
• Built-in bias resistors R1 and R2 (typ. 10 kΩ each)
• Simplification of circuit design
• Reduces number of components and board space.
APPLICATIONS
• Especially suitable for space reduction in interface and
driver circuits
• Inverter circuit configurations without use of external
resistors.
DESCRIPTION
PNP resistor-equipped transistor encapsulated in an ultra
small SC-89 (SOT490) plastic SMD package.
NPN complement: PDTC114EEF.
MARKING
TYPE NUMBER
MARKING CODE
PDTA114EEF
03
PINNING
PIN
DESCRIPTION
1
base/input
2
emitter/ground (+)
3
collector/output
Fig.1
Simplified outline (SC-89; SOT490) and
symbol.
handbook, halfpage
MAM413
1
2
3
R1
R2
12
Top view
3
Fig.2 Equivalent inverter symbol.
MGA893 - 1
1
3
2
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Refer to SC-89 (SOT490) standard mounting conditions.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−50
V
VCEO
collector-emitter voltage
open base
−−50
V
VEBO
emitter-base voltage
open collector
−−10
V
VI
input voltage
positive
−
+10
V
negative
−−40
V
IO
output current (DC)
−−100
mA
ICM
peak collector current
−−100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
−
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com