Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT5520DB_P Datasheet(PDF) 15 Page - OSRAM GmbH

Part # PLT5520DB_P
Description  Metal Can TO56 Green Laser Diode in TO56 Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PLT5520DB_P Datasheet(HTML) 15 Page - OSRAM GmbH

Back Button PLT5520DB_P Datasheet HTML 11Page - OSRAM GmbH PLT5520DB_P Datasheet HTML 12Page - OSRAM GmbH PLT5520DB_P Datasheet HTML 13Page - OSRAM GmbH PLT5520DB_P Datasheet HTML 14Page - OSRAM GmbH PLT5520DB_P Datasheet HTML 15Page - OSRAM GmbH PLT5520DB_P Datasheet HTML 16Page - OSRAM GmbH PLT5520DB_P Datasheet HTML 17Page - OSRAM GmbH PLT5520DB_P Datasheet HTML 18Page - OSRAM GmbH PLT5520DB_P Datasheet HTML 19Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
PLT5 520DB_P
DATASHEET
DATASHEET
15 | Version 1.0 | 2024-01-30
Notes
Depending on the mode of operation, these devices emit highly concentrated visible and non visible light
which can be hazardous to the human eye. Products which incorporate these devices have to follow the
safety precautions given in IEC 60825-1.
Subcomponents of this device contain, in addition to other substances, metal filled materials including silver.
Metal filled materials can be affected by environments that contain traces of aggressive substances. There-
fore, we recommend that customers minimize device exposure to aggressive substances during storage,
production, and use. Devices that showed visible discoloration when tested using the described tests above
did show no performance deviations within failure limits during the stated test duration. Respective failure
limits are described in the IEC60810.
Important notes of operation for laser diode
a) Electrical operation
OSRAMs laser diodes are designed for maximum performance and reliability. Operating the laser diode
above the maximum rating even for very short periods of time can damage the laser diode or reduce its
lifetime. The laser diode must be operated with a suitable power supply with minimized electrical noise.
The laser diode is very sensitive to electrostatic discharge (ESD). Proper precautions must be taken.
b) Mounting instructions
In order to maintain the lifetime of the laser diode proper heat management is essential. Due to the design
of the laser diode heat is dissipated only through the base plate of the diode‘s body. A proper heat conduct-
ing interconnection between the diodes base plate and the heat sink must be maintained.
For further application related information please visit https://ams-osram.com/support/application-notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com