Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT5520FB_P Datasheet(PDF) 16 Page - OSRAM GmbH

Part # PLT5520FB_P
Description  Metal Can TO56 Green Laser Diode in TO56 Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PLT5520FB_P Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button PLT5520FB_P Datasheet HTML 10Page - OSRAM GmbH PLT5520FB_P Datasheet HTML 11Page - OSRAM GmbH PLT5520FB_P Datasheet HTML 12Page - OSRAM GmbH PLT5520FB_P Datasheet HTML 13Page - OSRAM GmbH PLT5520FB_P Datasheet HTML 14Page - OSRAM GmbH PLT5520FB_P Datasheet HTML 15Page - OSRAM GmbH PLT5520FB_P Datasheet HTML 16Page - OSRAM GmbH PLT5520FB_P Datasheet HTML 17Page - OSRAM GmbH PLT5520FB_P Datasheet HTML 18Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
PLT5 520FB_P
DATASHEET
DATASHEET
16 | Version 1.1 | 2024-01-30
Glossary
1)
Reverse Operation: This product is intended to be operated applying a forward current within the
specified range. Applying any reverse bias shall be avoided.
2)
Operating/Forward current: IF is measured with an internal reproducibility of ±0.5 mA (acc. to GUM
with a coverage factor of k = 3).
3)
Operating/Forward voltage: VF is measured with an internal reproducibility of ±0.05 V (acc. to GUM
with a coverage factor of k = 3).
4)
Wavelength: The wavelengths are measured with a tolerance of ±0.5 nm.
5)
Wavelength: λpeak is measured with an internal reproducibility of ±0.3 nm (acc. to GUM with a coverage
factor of k = 3).
6)
Monitor current: Monitor current refers to a reverse voltage of VRPD = 5 V. Monitor current is for short
time power reference purpose only. Not guaranteed for accuracy.
7)
Monitor current: For reference only.
8)
Typical Values: Due to the special conditions of the manufacturing processes of semiconductor devices,
the typical data or calculated correlations of technical parameters can only reflect statistical figures.
These do not necessarily correspond to the actual parameters of each single product, which could differ
from the typical data and calculated correlations or the typical characteristic line. If requested, e.g.
because of technical improvements, these typ. data will be changed without any further notice.
9)
Testing temperature: TA = 25 °C (unless otherwise specified).
10)
Tolerance of Measure: Unless otherwise noted in drawing, tolerances are specified with ±0.1 and
dimensions are specified in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com