Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLS1L90H Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SPLS1L90H
Description  SMT Laser 1 Channel SMT Laser in QFN package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLS1L90H Datasheet(HTML) 1 Page - OSRAM GmbH

  SPLS1L90H_3 Datasheet HTML 1Page - OSRAM GmbH SPLS1L90H_3 Datasheet HTML 2Page - OSRAM GmbH SPLS1L90H_3 Datasheet HTML 3Page - OSRAM GmbH SPLS1L90H_3 Datasheet HTML 4Page - OSRAM GmbH SPLS1L90H_3 Datasheet HTML 5Page - OSRAM GmbH SPLS1L90H_3 Datasheet HTML 6Page - OSRAM GmbH SPLS1L90H_3 Datasheet HTML 7Page - OSRAM GmbH SPLS1L90H_3 Datasheet HTML 8Page - OSRAM GmbH SPLS1L90H_3 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SPL S1L90H_3
DATASHEET
DATASHEET
1 | Version 1.0 | 2023-01-23
www.osram-os.com
SPL S1L90H_3
Datasheet
Published by ams-OSRAM AG
Tobelbader Strasse 30, 8141 Premstaetten, Austria
Phone +43 3136 500-0
ams-osram.com
© All rights reserved


Similar Part No. - SPLS1L90H_3

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLS1L90A_3A01 OSRAM-SPLS1L90A_3A01 Datasheet
1Mb / 20P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
More results

Similar Description - SPLS1L90H_3

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
STH51002Z SIEMENS-STH51002Z Datasheet
43Kb / 3P
1300nm Laser in Coaxial TO-Package
STH81002Z SIEMENS-STH81002Z Datasheet
43Kb / 3P
1550nm Laser in Coaxial TO-Package
logo
OPTEK Technologies
OPV332 OPTEK-OPV332 Datasheet
222Kb / 2P
Vertical Cavity Surface Emitting Laser in T-1 Package
1/16
OPV330 OPTEK-OPV330 Datasheet
220Kb / 2P
Vertical Cavity Surface Emitting Laser in T-1 Package
OPV330 OPTEK-OPV330_14 Datasheet
164Kb / 2P
Vertical Cavity Surface Emitting Laser in T-1 Package
OPV332 OPTEK-OPV332_14 Datasheet
194Kb / 2P
Vertical Cavity Surface Emitting Laser in T-1 Package
logo
OSRAM GmbH
SPLTR85 OSRAM-SPLTR85 Datasheet
342Kb / 9P
Infrared Laser Diode in TO56 Package
PLT5-520 OSRAM-PLT5-520 Datasheet
396Kb / 10P
Green Laser Diode in TO56 Package
logo
ams AG
PLPVQ940A AMSCO-PLPVQ940A Datasheet
977Kb / 17P
VCSEL pulsed laser in small footprint QFN
Version 1.2 2019-04-04
logo
OSRAM GmbH
SPLTR85 OSRAM-SPLTR85_V01 Datasheet
1Mb / 13P
Infrared Laser Diode in TO56 Package
Version 0.2 - 2018-11-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com