Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT1210S14BAUTOG Datasheet(PDF) 3 Page - EPCOS

Part # CT1210S14BAUTOG
Description  Multilayer technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CT1210S14BAUTOG Datasheet(HTML) 3 Page - EPCOS

  CT1210S14BAUTOG Datasheet HTML 1Page - EPCOS CT1210S14BAUTOG Datasheet HTML 2Page - EPCOS CT1210S14BAUTOG Datasheet HTML 3Page - EPCOS CT1210S14BAUTOG Datasheet HTML 4Page - EPCOS CT1210S14BAUTOG Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
137 04/02
Notes
I If the maximum loads specified for load dump and jump start are fully utilized, subsequent
polarity reversal of the AUTO varistors is inadmissible.
I If the load remains under the maximum ratings, polarity reversal may be admissible.
Contact EPCOS for consultancy on this kind of problem.
I Load dump or jump start can decrease the varistor voltage in load direction by max. 15 %.
I Load dump: min. time of energy input 40 ms, interval 60 s.
(The load dump time constant td differs from the time constant of the energy input)
Maximum ratings (TA = 125 °C)
Type
SIOV-
Ordering code
VRMS
V
VDC
V
imax
8/20
ms
A
Wmax
(2 ms)
J
Pmax
W
WLD
(10x)
J
12-V supply systems
CN0603S14BAUTOG
B72500V1140S260
14
16
30
0,2
0,003
—
CN0805S14BAUTOG
B72510V1140S262
14
16
120
0,3
0,008
1,0
CN1206S14BAUTOG
B72520V1140S262
14
16
200
0,6
0,008
1,5
CN1210S14BAUTOG
B72530V1140S262
14
16
400
1,6
0,010
3,0
CN1812S14BAUTOG
B72580V1140S262
14
16
800
2,4
0,015
6,0
CN2220S14BAUTOG
B72540V1140S262
14
16
1200
5,8
0,030
12,0
CN2220S14BAUTOE2G2 B72540V3140S272
14
16
1200
5,8
0,030
25,0
24-V supply systems
CN2220K25AUTOE2G2
B72540V3250K072
25
31
1200
9,6
0,030
25,0
CN2220K30AUTOG
B72540V1300K062
30
34
1200
12,0
0,030
12,0
CN2220K30AUTOE2G2
B72540V3300K072
30
34
1200
12,0
0,030
25,0
Characteristics (TA = 25 °C)
Type
SIOV-
VJump
(5 min)
V
Vv
(1 mA)
V
DV
v
(1 mA)
%
Max. clamping
voltage
Ctyp
(1 kHz)
nF
Ltyp
nH
Der.
curve
Page
V/I
char.
Page
v
V
i
A
12-V supply systems
CN0603S14BAUTOG
24,5
22
+23/–0 42
1,0
0,12
1,0
238
272
CN0805S14BAUTOG
24,5
22
+23/–0 42
1,0
0,4
1,5
239
272
CN1206S14BAUTOG
24,5
22
+23/–0 40
1,0
0,8
1,8
240
272
CN1210S14BAUTOG
24,5
22
+23/–0 40
2,5
1,7
1,8
242
272
CN1812S14BAUTOG
24,5
22
+23/–0 40
5,0
5,6
2,5
244
272
CN2220S14BAUTOG
24,5
22
+23/–0 40
10,0
9,5
3,0
245
272
CN2220S14BAUTOE2G2 24,5
22
+23/–0 40
10,0
15,0
3,0
245
272
24-V supply systems
CN2220K25AUTOE2G2
40,0
39
± 10
65
10,0
10,0
3,0
245
271
CN2220K30AUTOG
45,0
47
± 10
77
10,0
4,0
3,0
245
271
CN2220K30AUTOE2G2
45,0
47
± 10
77
10,0
10,0
3,0
245
271
Automotive – Silver Palladium Termination
SMD Varistors



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com