Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATBA-00 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # ATBA-00
Description  Automotive High-Power Flood Illuminator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

ATBA-00 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button ATBA-00 Datasheet HTML 6Page - OSRAM GmbH ATBA-00 Datasheet HTML 7Page - OSRAM GmbH ATBA-00 Datasheet HTML 8Page - OSRAM GmbH ATBA-00 Datasheet HTML 9Page - OSRAM GmbH ATBA-00 Datasheet HTML 10Page - OSRAM GmbH ATBA-00 Datasheet HTML 11Page - OSRAM GmbH ATBA-00 Datasheet HTML 12Page - OSRAM GmbH ATBA-00 Datasheet HTML 13Page - OSRAM GmbH ATBA-00 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Document Feedback
TARA2000-940-N-AUT
Performance Characteristics
Datasheet
• PUBLIC
DS000744
• v3-00 • 2023-Mar-28
24
│ 9
5.2
Optical Characteristics
Figure 8:
Optical Parameters
Parameter
Condition
Min
Typ
Max
Unit
Wavelength
Pulse width=100
μs,
Duty cycle = 2%,
@ 4 A
@ 25 °C
932
940
948
nm
Spectral Width(1)
Pulse width=100
μs,
Duty cycle = 2%,
@ 4 A
@ 25 °C
0.1
3
nm
(1)
Full width at half maximum
Figure 9:
Field of Illumination (FOI)
Parameter
Condition
Min
Typ
Max
Unit
Horizontal FOI(1)(2)
Pulse width = 100 µs,
Duty cycle = 2%,
@ 4 A
@ 25 °C
56
59
62
deg
Vertical FOI(1)(2)
Pulse width = 100 µs,
Duty cycle = 2%,
@ 4 A
@ 25 °C
39
42
45
deg
(1)
Angle at 50% level normalized to the centroid
(2)
Based on irradiance (W/m2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com