Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD3004 Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # MMBD3004
Description  Silicon Epitaxial Planar Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

MMBD3004 Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  MMBD3004 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . MMBD3004 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . MMBD3004 Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
T
j = 150°C
T
j = 25°C
T
j = 150°C
T
j = 75°C
T
j = 25°C
Typical Characteristics
500
400
300
200
100
1000
100
10
1.0
0.1
0
0
100
200
0.01
0
400
800
1200
1600
2000
T
A, AMBIENT TEMPERATURE, (°C)
Fig. 1 Power Derating Curve, total package
V
F, INSTANTANEOUS FORW ARD VOLTAGE
(mV)
Fig. 2 Typical Forward Characteristics, per element
1000
100
10
1.0
0.1
0.01
1.1
1.0
0.9
0.8
0.001
0
50
100
150
200
250
300
350
0.7
0.01
0.1
1.0
10
100
V
R, REVERSE VOLTAGE (V)
V
R, INS TANTANE OUS REVERSE VOLTA GE (V)
Fig. 3 Typical Reverse Characteristics, per element
Fig. 4 Typical Total Capacitance
vs. Reverse Voltage, per element
D3004x-SERIES
MMB



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com