Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD4448HTX Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # MMBD4448HTX
Description  Plastic-Encapsulate Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

MMBD4448HTX Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  MMBD4448HTX Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . MMBD4448HTX Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . MMBD4448HTX Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOT-523
SWITCHING DIODE
FEATURES
Fast Switching Speed
For General Purpose Switching Applications
High Conductance
Electrical Ratings @T
a=25
℃
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Reverse
breakdown voltage
VR
80
V
IR=2.5
VF1
0.62
0.72
V
IF=5mA
VF2
0.855
V
IF=10mA
VF3
1.0
V
IF=100mA
Forward voltage
VF4
1.25
V
IF=150mA
IR1
0.1
μA
VR=70V
Reverse current
IR2
25
nA
VR=20V
Capacitance between terminals
CT
3.5
pF
VR=6V,f=1MHz
Reverse
recovery time
trr
4
ns
Maximum Ratings and Electrical Characteristics, Single Diode @Ta=25
Parameter
Symbol
Limit
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Peak Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
80
V
RMS Reverse Voltage
VR(RMS)
57
V
Forward Continuous Current
IFM
500
mA
Average Rectified Output Current
IO
250
mA
Forward Surge Current @t=8.3ms
IFSM
2.0
A
Power Dissipation
Pd
150
mW
Thermal Resistance from Junction to Ambient
RθJA
833
/W
Operation Junction and Storage Temperature Range
TJ ,TSTG
-55 ~+150
℃
℃
℃
Non-Repetitive Peak
μA
MMBD4448HTA
MARKING:A
MARKING:A6
MARKING:A7
MARKING:
MMBD4448HTC
MMBD4448HTS
MMBD4448HT
AB
Soliddot = Green molding compound device, if none,the normal device.
A3
A7
AB
A6
IF=IR=10mA
Irr=0.1XIR,RL=100Ω
Plastic-Encapsulate Diodes
D4448HTx-SERIES
MMB


Similar Part No. - MMBD4448HTX

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
MMBD4448HTX WILLAS-MMBD4448HTX Datasheet
361Kb / 2P
SOT-523 Plastic-Encapsulate Diodes
More results

Similar Description - MMBD4448HTX

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
BAV19W HOTTECH-BAV19W Datasheet
350Kb / 2P
Plastic-Encapsulate Diodes
SD103AW HOTTECH-SD103AW Datasheet
160Kb / 2P
Plastic-Encapsulate Diodes
MMBZ52XXB HOTTECH-MMBZ52XXB Datasheet
416Kb / 3P
Plastic-Encapsulate Diodes
S2A HOTTECH-S2A Datasheet
304Kb / 2P
Plastic-Encapsulate Diodes
1SS184 HOTTECH-1SS184 Datasheet
201Kb / 2P
Plastic-Encapsulate Diodes
1SS196 HOTTECH-1SS196 Datasheet
208Kb / 2P
Plastic-Encapsulate Diodes
B5817W HOTTECH-B5817W Datasheet
294Kb / 2P
Plastic-Encapsulate Diodes
BAT54WS HOTTECH-BAT54WS Datasheet
202Kb / 2P
Plastic-Encapsulate Diodes
1N4148WS HOTTECH-1N4148WS Datasheet
91Kb / 2P
Plastic-Encapsulate Diodes
logo
SHENZHEN SLS TECHNOLOGY...
1SS181 SHENZHENSLS-1SS181 Datasheet
208Kb / 2P
Plastic-Encapsulate Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com