Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7266S Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7266S
Description  7W7W DUAL BRIDGE AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7266S Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7266S Datasheet HTML 1Page - STMicroelectronics TDA7266S Datasheet HTML 2Page - STMicroelectronics TDA7266S Datasheet HTML 3Page - STMicroelectronics TDA7266S Datasheet HTML 4Page - STMicroelectronics TDA7266S Datasheet HTML 5Page - STMicroelectronics TDA7266S Datasheet HTML 6Page - STMicroelectronics TDA7266S Datasheet HTML 7Page - STMicroelectronics TDA7266S Datasheet HTML 8Page - STMicroelectronics TDA7266S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5/11
TDA7266SA
Figure 3. Stand-alone low-cost Application
1
2
4
Vref
ST-BY
7
IN1
C3 0.22
µF
VCC
13
3
D95AU260A
+
-
-
+
OUT1+
OUT1-
15
14
12
MUTE
6
IN2
C5 0.22
µF
+
-
-
+
OUT2+
OUT2-
8
9
S-GND
PW-GND
C1
470
µF
C2
100nF
R1
47K
C4
10
µF
R2
47K
Figure 4. Distortion vs Frequency
Figure 5. Gain vs Frequency
0.0 10
0.1
1
10
100
1k
10k
20k
THD(%)
V cc = 11 V
Rl = 8 o h m
P o u t = 100 m W
Po u t = 2W
fr eq ue nc y (Hz)
-5.000
-4.000
-3.000
-2.000
-1.000
0.0
1.0000
2.0000
3.0000
4.0000
5.0000
10
100
1k
10k
100k
Le vel(dB r)
Vcc = 11V
Rl = 8 o h m
Po u t = 1W
fr eq uenc y (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com