Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE6353 Datasheet(PDF) 21 Page - Intel Corporation

Part # CE6353
Description  Nordig Unified DVB-T COFDM Terrestrial Demodulator for PC-TV and Hand-held Digital TV (DTV)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CE6353 Datasheet(HTML) 21 Page - Intel Corporation

Back Button CE6353 Datasheet HTML 17Page - Intel Corporation CE6353 Datasheet HTML 18Page - Intel Corporation CE6353 Datasheet HTML 19Page - Intel Corporation CE6353 Datasheet HTML 20Page - Intel Corporation CE6353 Datasheet HTML 21Page - Intel Corporation CE6353 Datasheet HTML 22Page - Intel Corporation CE6353 Datasheet HTML 23Page - Intel Corporation CE6353 Datasheet HTML 24Page - Intel Corporation CE6353 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
CE6353
Data Sheet
21
Intel Corporation
4.0
Electrical Characteristics
4.1
Recommended Operating Conditions
4.2
Absolute Maximum Ratings
Note: Stresses exceeding these listed under absolute maximum ratings may induce failure. Exposure to absolute maximum ratings for
extended periods may reduce reliability. Functionality at or above these conditions is not implied.
Parameter
Symbol
Min.
Typ.
Max.
Units
Power supply voltage:
periphery
VDD
3.0
3.3
3.6
V
core
CVDD
1.62
1.8
1.98
V
Power supply current:
periphery 1
1. Current from the 3.3 V supply will be mainly dependent on the external loads.
IDDP
1
mA
core
IDDC
170
mA 2
2. Current given is for optimum performance, lower current is possible with reduced performance.
Input clock frequency 3
3. The min/max frequencies given are those supported by the oscillator cell. Required system frequencies are as defined in the design
manual. Frequencies outside these limits are acceptable with an external clock signal.
XTI
16.00
20.48
25.00
MHz
CLK1 primary serial clock frequency 4
4. If operating with an external 4 MHz clock, the serial clock frequency is reduced to 100 kHz maximum.
fCLK
400
kHz
Ambient operating temperature
-10
80
°C
Maximum Operating Conditions
Parameter
Symbol
Min.
Max.
Unit
Power supply
VDD
-0.3
+3.6
V
CVDD
-0.3
+2.0
V
Voltage on input pins (5 V rated)
VI
-0.3
5.5
V
Voltage on input pins (3.3 V rated)
VI
-0.3
VDD + 0.3
V
Voltage on output pins (5 V rated)
VO
-0.3
5.5
V
Voltage on output pins (3.3 V rated)
VO
-0.3
VDD + 0.3
V
Storage temperature
TSTG
-55
150
°C
Operating ambient temperature
TOP
-10
80
°C
Junction temperature
TJ
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com