Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8763 Datasheet(PDF) 13 Page - Christian Bürkert GmbH & Co. KG

Part # 8763
Description  2/2 or 3/2-way Whisper Valve with media separation
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8763 Datasheet(HTML) 13 Page - Christian Bürkert GmbH & Co. KG

Back Button 8763 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8763 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Type 6724
13 | 15
Visit product website 
3.) Connect technical vacuum (- 0.8 bar) to NC or NO. If vacuum is connected to (COM/OUT), significantly reduced flow must be expected.
4.) K
V value of the valve. The UNF connections have a diameter of 1.2 mm; in conjunction with conventional connection technology (10 cm hose each with ID= 1.6 mm), this
results in practical values of K
V= 0.015 m³/h; CV= 0.017 gpm; QNn= 21.8 l/min.
5.) Applies to pressure connection to COM. For pressure connection to NC or NO Vac…5 bar applies.
Impulse version
Circuit
function
Port
connection
Orifice Q
Nn
value
air 2.)
K
V
value
water 1.)
C
V
value
water
Voltage/
frequency
Pressure
range 3.)4.)
Max.
pressure
difference
Body
material
Seal
material
Article no.
[mm]
[l/min]
[m3/h]
[gpm]
[V]
[bar]
[bar]
CF P
2/2-way impulse
solenoid valve
Direct-acting
NC
Bürkert sub-
base
(9 x 26)
1.2
25
0.024
0.027
24
Vac…2
2
PPS
FKM
355749 
24
PEEK
FFKM
355744 
12
355750 
UNF ¼"- 28
25 5.)
0.024 5.)
0.027 5.)
24
Vac…2
2
355745 
CF S
3/2-way impulse
solenoid valve
Direct-acting
Flow direction
unrestricted
NC
NO
Bürkert sub-
base
(9 x 26)
1.2
28
0.026
0.03
24
Vac…2
2
PPS
FKM
355756 
24
PEEK
FFKM
355754 
12
20005293 
UNF ¼"- 28
28 5.)
0.026 5.)
0.03 5.)
24
Vac…2
2
355755 
1.) Measurement at 1 bar and + 20 °C at the valve inlet and free outlet
2.) Converted to standard conditions
3.) Pressure data: Overpressure to atmospheric pressure
4.) Connect technical vacuum (- 0.8 bar) to NC or NO. If vacuum is connected to (COM/OUT), significantly reduced flow must be expected.
5.) K
V value of the valve. The UNF connections have a diameter of 1.2 mm; in conjunction with conventional connection technology (10 cm hose each with ID= 1.6 mm), this
results in practical values of K
V= 0.015 m³/h; CV= 0.017 gpm; QNn= 21.8 l/min.
7.4. Ordering chart accessories
Manifolds
Note:
Customised for connecting plates, on request.
Cable plug Type 2503
Accessories
Description
Article no.
Cable plug with 500 mm flying leads AWG 24
For further information please refer to data sheet Type 2503 .
689974 
Cable plug with 500 mm flying leads and boost-close electronics to increase the
permissible pressure under NC.
For further information refer to the operating instructions for Type 2503 
BoostClose or see data sheet Type 2503 .
689998 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com