Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWD2425 Datasheet(PDF) 6 Page - Sensata Technologies, Inc.

Part # CWD2425
Description  PANEL MOUNT SOLID STATE RELAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

CWD2425 Datasheet(HTML) 6 Page - Sensata Technologies, Inc.

  CWD2425 Datasheet HTML 1Page - Sensata Technologies, Inc. CWD2425 Datasheet HTML 2Page - Sensata Technologies, Inc. CWD2425 Datasheet HTML 3Page - Sensata Technologies, Inc. CWD2425 Datasheet HTML 4Page - Sensata Technologies, Inc. CWD2425 Datasheet HTML 5Page - Sensata Technologies, Inc. CWD2425 Datasheet HTML 6Page - Sensata Technologies, Inc. CWD2425 Datasheet HTML 7Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.sensata.com
Page 6
Copyright © 2020 Sensata Technologies, Inc.
ACCESSORIES
Recommended Accessories
Hardware Kit
Lug Terminal
Thermal Pad
Heat Sink Part No. Thermal Resistance
[ºC/W]
HK1
HS501DR
HS301 / HS301DR
HS251
HS201 / HS201DR
HS202 / HS202DR
HS172
HS151 / HS151DR
HS122 / HS122DR
HS103 / HS103DR
HS101
HS073
HS072
HS053
HS033
HS023
5.0
3.0
2.5
2.0
2.0
1.7
1.5
1.2
1.0
1.0
0.7
0.7
0.5
0.36
0.25
TRM6
HSP-1
HSP-2
AGENCY APPROVALS & CERTIFICATIONS
EN60950-1: Meets the requirements of sections1.5: 1,7: 2.9: 2.10.5.3: 4.2: 4.5: 4.7:
IEC 61000-4-2 Electrostatic Discharge Level 3
IEC 61000-4-4 Electrically Fast Transients Level 3
IEC 61000-4-5 Electrical Surges Level 3
Vibration Resistance: IEC 60068-2-6 : Amplitude Range 10-55 Hz, Displacement 0.75mm
Shock Resistance: IEC 60068-2-27 : Peak Acceleration 15g, Duration11msec
E79183
LR 38595



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com