Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPI Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # DPI
Description  PANEL MOUNT SOLID STATE RELAYS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

DPI Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  DPI Datasheet HTML 1Page - Sensata Technologies, Inc. DPI Datasheet HTML 2Page - Sensata Technologies, Inc. DPI Datasheet HTML 3Page - Sensata Technologies, Inc. DPI Datasheet HTML 4Page - Sensata Technologies, Inc. DPI Datasheet HTML 5Page - Sensata Technologies, Inc. DPI Datasheet HTML 6Page - Sensata Technologies, Inc. DPI Datasheet HTML 7Page - Sensata Technologies, Inc. DPI Datasheet HTML 8Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Page 2
www.sensata.com
Copyright © 2023 Sensata Technologies, Inc.
Input (1)
General
Description
DPIDXXXX
Control Voltage Range [VDC]
4-32
Maximum Reverse Voltage [VDC]
-32
Minimum Turn-On Voltage [VDC]
4
Must Turn-Off Voltage [VDC]
1
Minimum Input Current per channel (for on-state) [mA]
7
Maximum Input Current per channel [mA]
15
Nominal Input Impedance [Ω]
Regulated Current
Maximum Turn-On Time
1/2 Cycle (6)
Maximum Turn-Off Time
1/2 Cycle
Description
Parameters
Dielectric Strength, Input to Output (50/60Hz)
4000 Vrms
Dielectric Strength, Input/Output to Baseplate (50/60Hz)
2500 Vrms
Minimum Insulation Resistance (@ 500 VDC)
109 Ohms
Maximum Capacitance, Input/Output
8 pF
Ambient Operating Temperature Range (7)
-40 to 80°C
Ambient Storage Temperature Range
-40 to 125 °C
Pollution Degree
2
Weight (typical)
2.84 oz / 80.51 g
Housing Material
UL94 V-0
Baseplate Material
Aluminum
Input Connector Type
5.08 mm Locking Header
Pluggable Terminal block: 1836901 (Screw Connection Method),
1902136 (Spring Connection Method)
SSR Mounting Screw Torque Range
18-20 lb-in (2.0-2.2 Nm)
Description
20A
40A
Maximum Load Current per Channel LC A per EN 62314 @40°C
[Arms] (2)
20
40 (3)
Overload Current Profile per EN 62314 [Ic/Ie]
1.5
1.5
Minimum Load Current [mArms]
150
150
Maximum 1 Cycle Surge Current (50/60Hz) [Apk]
286/300
716/750
Maximum On-State Voltage Drop @ Rated Current [Vrms]
1.25
1.3
Maximum 1/2 Cycle I² t for Fusing (50/60Hz) [A² sec]
409/375
2563/2343
Thermal Resistance Junction to Case (Rjc) [°C/W]
0.73
0.42
Wiring size for maximum ratings. [AWG](mm2) /wires per
terminal
12(4) /1
12(4)/2
Output (1)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com