Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

201 Datasheet(PDF) 2 Page - Christian Bürkert GmbH & Co. KG

Part # 201
Description  2/2-Way Miniature Solenoid Valve
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

201 Datasheet(HTML) 2 Page - Christian Bürkert GmbH & Co. KG

  201 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 201 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 201 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 201 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Installation / Accessories
Operating Data (Valve)
Operating Data (Actuator)
Technical Data
Circuit Function
A 2/2-way valve,
normally closed
Seal Materials/Fluids Handled/Temp.- Range
NBR
Neutral fluids, e.g. compressed air, town gas,
water, hydraulic oil
-10 to + 90
°C
FPM
Hot air, oxygen, per-solutions, hot oils,
oils with additves
-10 to +100
°C
For more detailed information please refer to resistance
chart (Leaflet-No. 1896009).
Max. ambient temperature
+55
°C
Max. viscosity
approx. 21 mm2/s
Response times
opening
5 - 18 ms
closing
approx. 8 ms
Times measured at outlet A from switching on until
pressure rise to 90 % / pressure drops to 10 % at a max.
working pressure of 6 bar.
Port connection
sub-base
Body Material
Body and seat of brass
Stainless steel
Valve internals 1.4105, 1.4571
Specifications
Orifice
Kv-Value
QNn-Value
Pressure Range 2)
Weight
DN
Water
Air 1)
4 Watt
2 Watt
AC
DC
DC
[mm]
[m3/h]
[l/min]
[bar]
[kg]
1,2
0,045
48
0-21
0-12
-
0,09
1,6
0,06
65
0-12
0- 6
-
0,09
2,0
0,11
120
0- 8
0- 4,5
0-0,8
0,09
2,4
0,13
140
0- 6
0- 3
-
0,09
Operating voltages
AC
24, 230, 240 V/50 Hz
DC 12, 24 V/=
Voltage tolerance
± 10%
Power consumption
AC
9 VA (inrush),
6 VA/4 W (hold)
DC
4 W or 2 W depending
on version
Duty cycle
100 % continuously rated,
reduced for manifold
mounting or use 2 W version
Cycling rate
approx.1000 c.p.m.
Classification with plug
or cable
IP 65
All pressures quoted are gauge pressures with respect to the prevailing atmospheric pressure.
Installation
as required, but preferably
with solenoid system upright
Electrical connection
• plug connection without
cable plug
(supplied as standard)
• moulded-in cable on
request
• 2 or 3 moulded-in flying
leads on request
1) Measured with 6 bar upstream pressure and 1 bar pressure drop across the valve at +20
°C., 2) Also suitable for vacuum.
Type 201
2/2-Way Miniature Solenoid Valve



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com