Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC08D1000 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC08D1000
Description  High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08D1000 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button ADC08D1000 Datasheet HTML 9Page - National Semiconductor (TI) ADC08D1000 Datasheet HTML 10Page - National Semiconductor (TI) ADC08D1000 Datasheet HTML 11Page - National Semiconductor (TI) ADC08D1000 Datasheet HTML 12Page - National Semiconductor (TI) ADC08D1000 Datasheet HTML 13Page - National Semiconductor (TI) ADC08D1000 Datasheet HTML 14Page - National Semiconductor (TI) ADC08D1000 Datasheet HTML 15Page - National Semiconductor (TI) ADC08D1000 Datasheet HTML 16Page - National Semiconductor (TI) ADC08D1000 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Specification Definitions
APERTURE (SAMPLING) DELAY is that time required after
the fall of the clock input for the sampling switch to open. The
Sample/Hold circuit effectively stops capturing the input sig-
nal and goes into the “hold” mode the aperture delay time
(t
AD) after the input clock goes low.
APERTURE JITTER (t
AJ) is the variation in aperture delay
from sample to sample. Aperture jitter shows up as input
noise.
Bit Error Rate (B.E.R.) is the probability of error and is
defined as the probable number of errors per unit of time
divided by the number of bits seen in that amount of time. A
B.E.R. of 10
-18 corresponds to a statistical error in one bit
about every four (4) years.
CLOCK DUTY CYCLE is the ratio of the time that the clock
wave form is at a logic high to the total time of one clock
period.
DIFFERENTIAL NON-LINEARITY (DNL) is the measure of
the maximum deviation from the ideal step size of 1 LSB.
Measured at 1 GSPS with a ramp input.
EFFECTIVE NUMBER OF BITS (ENOB, or EFFECTIVE
BITS) is another method of specifying Signal-to-Noise and
Distortion Ratio, or SINAD. ENOB is defined as (SINAD −
1.76) / 6.02 and says that the converter is equivalent to a
perfect ADC of this (ENOB) number of bits.
FULL POWER BANDWIDTH (FPBW) is a measure of the
frequency at which the reconstructed output fundamental
drops 3 dB below its low frequency value for a full scale
input.
GAIN ERROR is the deviation from the ideal slope of the
transfer function. It can be calculated from Offset and Full-
Scale Errors:
Positive Gain Error = Offset Error − Positive Full-Scale
Error
Negative Gain Error = −(Offset Error − Negative Full-
Scale Error)
Gain Error = Negative Full-Scale Error − Positive Full-
Scale Error = Positive Gain Error + Negative Gain Error
INTEGRAL NON-LINEARITY (INL) is a measure of the
deviation of each individual code from a straight line through
the input to output transfer function. The deviation of any
given code from this straight line is measured from the
center of that code value. The best fit method is used.
INTERMODULATION DISTORTION (IMD) is the creation of
additional spectral components as a result of two sinusoidal
frequencies being applied to the ADC input at the same time.
It is defined as the ratio of the power in the second and third
order intermodulation products to the power in one of the
original frequencies. IMD is usually expressed in dBFS.
LSB (LEAST SIGNIFICANT BIT) is the bit that has the
smallest value or weight of all bits. This value is
V
FS /2
n
where V
FS is the differential full-scale amplitude of 650 mV
or 870 mV as set by the FSR input and "n" is the ADC
resolution in bits, which is 8 for the ADC08D1000.
LVDS DIFFERENTIAL OUTPUT VOLTAGE (V
OD) is the
absolute value of the difference between the V
D+&VD-
outputs; each measured with respect to Ground.
LVDS OUTPUT OFFSET VOLTAGE (V
OS) is the midpoint
between the D+ and D- pins output voltage; ie., [(V
D+) +(
V
D-)]/2.
MISSING CODES are those output codes that are skipped
and will never appear at the ADC outputs. These codes
cannot be reached with any input value.
MSB (MOST SIGNIFICANT BIT) is the bit that has the
largest value or weight. Its value is one half of full scale.
NEGATIVE FULL-SCALE ERROR (NFSE) is a measure of
how far the last code transition is from the ideal 1/2 LSB
above a differential −435 mV with the FSR pin high, or 1/2
LSB above a differential −325 mV with the FSR pin low. For
the ADC08D1000 the reference voltage is assumed to be
ideal, so this error is a combination of full-scale error and
reference voltage error.
OFFSET ERROR (V
OFF) is a measure of how far the mid-
scale point is from the ideal zero voltage differential input.
Offset Error = Actual Input causing average of 8k
samples to result in an average code of 127.5.
OUTPUT DELAY (t
OD) is the time delay (in addition to
Pipeline Delay) after the falling edge of DCLK before the
data update is present at the output pins.
OVER-RANGE RECOVERY TIME is the time required after
the differential input voltages goes from ±1.2V to 0V for the
converter to recover and make a conversion with its rated
accuracy.
PIPELINE DELAY (LATENCY) is the number of input clock
cycles between initiation of conversion and when that data is
presented to the output driver stage. New data is available at
every clock cycle, but the data lags the conversion by the
Pipeline Delay plus the t
OD.
POSITIVE FULL-SCALE ERROR (PFSE) is a measure of
how far the last code transition is from the ideal 1-1/2 LSB
below a differential +435 mV with the FSR pin high, or 1-1/2
LSB below a differential +325 mV with the FSR pin low. For
the ADC08D1000 the reference voltage is assumed to be
ideal, so this error is a combination of full-scale error and
reference voltage error.
POWER SUPPLY REJECTION RATIO (PSRR) can be one
of two specifications. PSRR1 (DC PSRR) is the ratio of the
change in full-scale error that results from a power supply
voltage change from 1.8V to 2.0V. PSRR2 (AC PSRR) is a
measure of how well an a.c. signal riding upon the power
supply is rejected from the output and is measured with a
248 MHz, 50 mV
P-P signal riding upon the power supply. It is
the ratio of the output amplitude of that signal at the output to
its amplitude on the power supply pin. PSRR is expressed in
dB.
20097446
FIGURE 1.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com