Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD2425W2U Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # CD2425W2U
Description  PANEL MOUNT SOLID STATE RELAYS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

CD2425W2U Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  CD2425W2U Datasheet HTML 1Page - Sensata Technologies, Inc. CD2425W2U Datasheet HTML 2Page - Sensata Technologies, Inc. CD2425W2U Datasheet HTML 3Page - Sensata Technologies, Inc. CD2425W2U Datasheet HTML 4Page - Sensata Technologies, Inc. CD2425W2U Datasheet HTML 5Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2
www.sensata.com
Copyright © 2021 Sensata Technologies, Inc.
Description
CxxxWxxx
Control Voltage Range
4-32 VDC
Minimum Turn-On Voltage
4 VDC
Minimum Turn-Off Voltage
1.0 VDC
Typical Input Current
10 mA @ 12 VDC
Nominal Input Impedance
See Note (4)
Maximum Turn-On Time [msec]
1/2 Cycle
Maximum Turn-Off Time [msec]
1/2 Cycle
Description
Parameters
Dielectric Strength, Input/Output to Base (50/60Hz)
4000 Vrms
Dielectric Strength, Input/Output/Base (50/60Hz)
4000 Vrms
Minimum Insulation Resistance (@ 500 VDC)
109 Ohm
Maximum Capacitance, Input/Output
10 pF
Ambient Operating Temperature Range
-40 to 80 °C
Ambient Storage Temperature Range
-40 to 125 °C
Weight (typical)
3.0 oz (86.5 g)
Terminals
Screw Type Output: 8-32
Max. Torque
Output: 20 in lb (2.2Nm)
Max. Wire Size
Output:2 x AWG 8 (3.8mm)
THERMAL DERATE INFORMATION
Input (1)
General
1.0˚C/W - HS103
1.5˚C/W - HS-2
2.5˚C/W -
Ambient Temperature [˚C]
(25 Amps per Channel)
CXXX
25XXXX
0
10
20
30
40
50
20
30
40
50
60
70
80
0.5˚C/W - HS053
1.0˚C/W - HS103
1.5˚C/W - HS-2
Ambient Temperature [˚C]
(50 Amps per Channel)
CXXX
50XXXX
0
20
40
60
80
100
20
30
40
50
60
70
80



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com