Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CU3225K17AUTOG2 Datasheet(PDF) 2 Page - EPCOS

Part # CU3225K17AUTOG2
Description  Monolithic; Automotive Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CU3225K17AUTOG2 Datasheet(HTML) 2 Page - EPCOS

  CU3225K17AUTOG2 Datasheet HTML 1Page - EPCOS CU3225K17AUTOG2 Datasheet HTML 2Page - EPCOS CU3225K17AUTOG2 Datasheet HTML 3Page - EPCOS CU3225K17AUTOG2 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
150 04/02
Notes
I If the maximum loads specified for load dump and jump start are fully utilized, subsequent
polarity reversal of the AUTO varistors is inadmissible.
I If the load remains under the maximum ratings, polarity reversal may be admissible.
Contact EPCOS for consultancy on this kind of problem.
I Load dump or jump start can decrease the varistor voltage in load direction by max. 15 %.
I Load dump: min. time of energy input 40 ms, interval 60 s.
Maximum ratings (TA = 85 °C)
Type
SIOV-
Ordering code
VRMS
V
VDC
V
imax
8/20
ms
A
Wmax
(2 ms)
J
Pmax
W
WLD
(10x)
J
12-V supply systems
CU3225K14AUTOG2 B72650M1140K072
14
16
100
0,4
0,01
6
CU4032K14AUTOG2 B72660M1140K072
14
16
250
0,9
0,02
12
CU3225K17AUTOG2 B72650M1170K072
17
20
100
0,5
0,01
6
CU4032K17AUTOG2 B72660M1170K072
17
20
250
1,1
0,02
12
24-V supply systems
CU3225K30AUTOG2 B72650M1300K072
30
34
100
0,9
0,01
6
CU4032K30AUTOG2 B72660M1300K072
30
34
250
2,0
0,02
12
Characteristics (TA = 25 °C)
Type
SIOV-
VJump
(5 min)
V
Vv
(1 mA)
V
DV
v
(1 mA)
%
Max. clamping
voltage
Ctyp
(1 kHz)
nF
Derating
curve
Page
V/I char-
acteristic
Page
v
V
i
A
12-V supply systems
CU3225K14AUTOG2 25
22
± 10
43
1,0
1,4
246
274
CU4032K14AUTOG2 25
22
± 10
43
2,5
2,3
246
275
CU3225K17AUTOG2 30
27
± 10
53
1,0
1,2
246
274
CU4032K17AUTOG2 30
27
± 10
53
2,5
1,9
246
275
24-V supply systems
CU3225K30AUTOG2 50
47
± 10
93
1,0
0,6
246
274
CU4032K30AUTOG2 50
47
± 10
93
2,5
1,1
246
275
Monolithic; Automotive Series
SMD Varistors



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com