Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR10D03 Datasheet(PDF) 4 Page - Sensata Technologies, Inc.

Part # DR10D03
Description  DIN RAIL MOUNT SOLID STATE RELAYS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

DR10D03 Datasheet(HTML) 4 Page - Sensata Technologies, Inc.

  DR10D03 Datasheet HTML 1Page - Sensata Technologies, Inc. DR10D03 Datasheet HTML 2Page - Sensata Technologies, Inc. DR10D03 Datasheet HTML 3Page - Sensata Technologies, Inc. DR10D03 Datasheet HTML 4Page - Sensata Technologies, Inc. DR10D03 Datasheet HTML 5Page - Sensata Technologies, Inc. DR10D03 Datasheet HTML 6Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Page 4
www.sensata.com
Copyright © 2022 Sensata Technologies, Inc.
STANDARDS OF COMPLIANCE
Shock and Vibration (Applies to all part numbers)
Vibration Resistance according to IEC 60068-2-6: 0.35mm and 0.75mm Amplitude over 10-55 Hz
Shock Resistance according to IEC 60068-2-27: 15g/11ms
EMC (Applies to all part numbers)
IEC 61000-4-2: Electrostatic Discharge- Level 3
IEC 61000-4-4: Electrically Fast Transients- Level 3
IEC 61000-4-5: Electrical Surges- Level 3
ANSI / ISA 12.12.01-2013
Nonincendive Electrical Equipment for Use in Class I and II, Division 2 and Class III, Division 1 and 2 Hazardous (classified) locations
This equipment is open-type device and is meant to be installed in an enclosure suitable for the enviroment such that the equipment is only accesible
with the use of a tool suitable for use in Class 1, Division 2, Group A,B,C and Hazardous locations, or Nonhazardous locations only
WARNING-Explosion Hazard- Do not disconnect equipment while the circuit is live or unless the area is known to be free of ignitable concentrations
WARNING-Explosion Hazard- Substitution of any component may impair suitability for Class I, Division 2
DR10D10
DR10D24
Single and multiple units (for DRxxx03)
Single unit, distance to adjacent components ≥ 11 mm for DRxxx06,
DR10D10 and ≥ 18 mm for DRxxx12, DR10D24
Multiple units, no minimum spacing between components
0
4
8
12
16
20
24



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com