Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR10D10 Datasheet(PDF) 3 Page - Sensata Technologies, Inc.

Part # DR10D10
Description  DIN RAIL MOUNT SOLID STATE RELAYS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

DR10D10 Datasheet(HTML) 3 Page - Sensata Technologies, Inc.

  DR10D10 Datasheet HTML 1Page - Sensata Technologies, Inc. DR10D10 Datasheet HTML 2Page - Sensata Technologies, Inc. DR10D10 Datasheet HTML 3Page - Sensata Technologies, Inc. DR10D10 Datasheet HTML 4Page - Sensata Technologies, Inc. DR10D10 Datasheet HTML 5Page - Sensata Technologies, Inc. DR10D10 Datasheet HTML 6Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3
www.sensata.com
Copyright © 2022 Sensata Technologies, Inc.
EQUIVALENT CIRCUIT BLOCK DIAGRAMS/WIRING DIAGRAMS
MECHANICAL SPECIFICATIONS(1)
3 A , 6 A & 10 A
12 A & 24 A
THERMAL DERATE INFORMATION



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com