Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR10D12 Datasheet(PDF) 5 Page - Sensata Technologies, Inc.

Part # DR10D12
Description  DIN RAIL MOUNT SOLID STATE RELAYS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

DR10D12 Datasheet(HTML) 5 Page - Sensata Technologies, Inc.

  DR10D12 Datasheet HTML 1Page - Sensata Technologies, Inc. DR10D12 Datasheet HTML 2Page - Sensata Technologies, Inc. DR10D12 Datasheet HTML 3Page - Sensata Technologies, Inc. DR10D12 Datasheet HTML 4Page - Sensata Technologies, Inc. DR10D12 Datasheet HTML 5Page - Sensata Technologies, Inc. DR10D12 Datasheet HTML 6Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page 5
www.sensata.com
Copyright © 2022 Sensata Technologies, Inc.
Series
DR
Operating Voltage
06: 1-60 VDC
10: 1-100 VDC
Control Voltage
D: 4-32 VDC
Rated Load Current
03: 3 Amps
06: 6 Amps
10: 10 Amps (100 VDC only)
12: 12 Amps
24: 24 Amps (100 VDC only)
ATEX Approvals
Blank: Not ATEX approved
X: ATEX II 3G Ex nA IIC T4 Gc approved (3, 6 and 12 Amps only)
ORDERING OPTIONS
Example : DR06D12
Required for valid part number
For options only and not required for valid part number
(1)
All parameters at 25°C unless otherwise specified.
(2)
See Derating curves
(3)
DC control includes reverse polarity protection.
(4)
Input circuitry incorporates active current limiter.
(5)
Turn-on/off time for 10A is 0.5/0.3 msec & for 24A is 1/0.5 msec.
GENERAL NOTES
AGENCY APPROVALS & CERTIFICATIONS
(3, 6 and 12 Amps only)
DR
06
D
12
SSR Relay, DIN Rail Mount 18mm, 60VDC/12A,4-32VDC In, FET Output



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com