Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10ETF06STRR Datasheet(PDF) 2 Page - International Rectifier

Part # 10ETF06STRR
Description  FAST SOFT RECOVERY RECTIFIER DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10ETF06STRR Datasheet(HTML) 2 Page - International Rectifier

  10ETF06STRR Datasheet HTML 1Page - International Rectifier 10ETF06STRR Datasheet HTML 2Page - International Rectifier 10ETF06STRR Datasheet HTML 3Page - International Rectifier 10ETF06STRR Datasheet HTML 4Page - International Rectifier 10ETF06STRR Datasheet HTML 5Page - International Rectifier 10ETF06STRR Datasheet HTML 6Page - International Rectifier 10ETF06STRR Datasheet HTML 7Page - International Rectifier 10ETF06STRR Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
10ETF06SPbF QUIET
IR Series
Bulletin I2204 03/05
www.irf.com
I
F(AV) Max. Average Forward Current
10
A
@ T
C = 128° C, 180° conduction half sine wave
I
FSM
Max. Peak One Cycle Non-Repetitive
150
10ms Sine pulse, rated VRRMapplied
Surge Current
160
10ms Sine pulse, no voltage reapplied
I2t
Max. I2t for fusing
112.5
10ms Sine pulse, rated VRRMapplied
160
10ms Sine pulse, no voltage reapplied
I2√t
Max. I2√t for fusing
1125
A2√s
t = 0.1 to 10ms, no voltage reapplied
Part Number
V
RRM , maximum
V
RSM , maximum non repetitive
I
RRM
peak reverse voltage
peak reverse voltage
150°C
VV
mA
10ETF06SPbF
600
700
2
Voltage Ratings
Absolute Maximum Ratings
Electrical Specifications
Recovery Characteristics
Parameters
10ETF..
Units
Conditions
A
A2s
V
FM
Max. Forward Voltage Drop
1.2
V
@ 10A, T
J = 25°C
r
t
Forward slope resistance
12.7
mΩ
T
J =
150°C
VF(TO) Threshold voltage
1.25
V
I
RM
Max. Reverse Leakage Current
0.1
T
J =
25 °C
2.0
TJ = 150 °C
Parameters
10ETF..
Units
Conditions
V
R = rated VRRM
mA
t
rr
Reverse Recovery Time
145
ns
I
F @ 10Apk
I
rr
Reverse Recovery Current
2.75
A
@ 25A/ µs
Qrr
Reverse Recovery Charge
0.32
µC
@ 25°C
S
Snap Factor
0.6
Parameters
10ETF..
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com