Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NESSCAP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NESSCAP
Description  Ultracapacitor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NESSCAP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NESSCAP Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NESSCAP® Ultracapacitor Data sheet
© NESSCAP 2003. All Rights reserved. Design, Specifications are subject to change without notice.
- 1 -
NESSCAP Co., Ltd.
Gomae-ri 750-8, Kiheung-Eup, Yongin-City, Kyonggi-Do 449-901, Korea
Tel: +82-31-289-0721 Fax: +82-31-286-6767 e-mail: marketing@nesscap.com
www.nesscap.com
NESSCAP 400F/2.7V
ESHSR-0400C0-002R7
Features
-
Cylindrical cell
-
Radial lead terminals
CAUTION
Use the blank terminals for mechanical support only
The blank terminals must not be connected any copper on PCB
Be sure to electrically isolate from negative the positive terminals.
Specifications
Dimensions in mm (not to scale)
Rated Capacitance, C (DCC(1), 25oC)
400 Farads
(1) Discharging with constant current
Capacitance Tolerance
-10% / +10%
Rated Voltage, VR
2.7 V
Surge Voltage
2.85 V
Rated Current (25oC)(2)
81 A
(2) 5 sec discharge rate to 1/2 VR
Max. Current (25oC)(3)
> 202 A
(3) 1 sec discharge rate to 1/2 VR
Max. Stored Energy (at VR)
1,458J (0.405Wh)
Gravimetric
6.23 Wh/kg
Specific Energy
Volumetric
6.98 Wh/l
Gravimetric
5.34 kW/kg
Specific Power(4)
(at matched load)
Volumetric
5.99 kW/l
(4) Power density at which one-half the energy of
the discharge is in the form of electricity and one-
half is in heat.
AC (1kHz)
3.2 m
Ω
Maximum Internal
Resistance (ESR)
DC (20A)
4.2 m
Ω
Dimensions
φ 35 x l 60 mm
Volume
58 ml
Weight
65 g
Operating temperature range(5)
-40 ~ 60 °C
(5) C < 20% and ESR < 2 times of initially
measured value at 25oC, respectively
Storage temperature range
-40 ~ 70 °C
Max. Leakage Current, LC( 72h, 25oC)
1.0 mA
Life Time at RT (6)
10 years
Cycle Life (25oC)(6), (7)
500,000 cycles
(6) C < 30% and ESR < 2 times of initially
measured value, respectively and LC < specified
value
(7) 1 cycle: charging to VR for 20s, constant
voltage charging for 10s, discharging to 1/2VR
for 20s, rest for 10s
Safety Vent
6±1
60+2 MAX
Sleev( PVC)
.
(-) Negative Terminal
(+) Positive Terminal
Blank Terminal


Similar Part No. - NESSCAP

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NES-100 MEANWELL-NES-100 Datasheet
382Kb / 2P
100W Single Output Switching Power Supply
NES-100 MEANWELL-NES-100 Datasheet
386Kb / 2P
100W Single Output Switching Power Supply
NES-100-12 MEANWELL-NES-100-12 Datasheet
382Kb / 2P
100W Single Output Switching Power Supply
NES-100-12 MEANWELL-NES-100-12 Datasheet
386Kb / 2P
100W Single Output Switching Power Supply
NES-100-15 MEANWELL-NES-100-15 Datasheet
382Kb / 2P
100W Single Output Switching Power Supply
More results

Similar Description - NESSCAP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ESHSR-0400C0-002R7 ETC2-ESHSR-0400C0-002R7 Datasheet
79Kb / 1P
Ultracapacitor 400F/2.7V
logo
Maxwell Technologies
BPAK0052P015B01 MAXWELL-BPAK0052P015B01 Datasheet
421Kb / 3P
15V POWER AND ENERGY SERIES ULTRACAPACITOR PACKS
logo
Skeleton Technologies. ...
SCA0300 SKELETON-SCA0300 Datasheet
378Kb / 3P
SKELCAP ULTRACAPACITOR 300F 2.85
2022
51V177F SKELETON-51V177F Datasheet
419Kb / 3P
Up to 72% more energy in light-rail applications compared to other ultracapacitor modules
2022
logo
List of Unclassifed Man...
CDCL3000C0-0002R7STZ ETC-CDCL3000C0-0002R7STZ Datasheet
542Kb / 7P
ULTRACAPACITOR CELL
V2020-2 12-05-20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com