Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6012 Datasheet(PDF) 13 Page - Christian Bürkert GmbH & Co. KG

Part # 6012
Description  Plunger valve 3/2 way direct-acting
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6012 Datasheet(HTML) 13 Page - Christian Bürkert GmbH & Co. KG

Back Button 6012 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 6012 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 6012 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 6012 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 6012 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 6012 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 6012 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 6012 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 6012 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Type 6012
13 | 14
Visit product website 
6.4. Ordering chart accessories
Multiple manifold
Note:
Detailed order information can be found in chapter “4.3. Multiple manifold” on page 8.
Accessories for manifolds
Accessory
Features
Article no.
Blanking plug
with seal ring, G ⅛
005041 
Cover plate
for unused valves
005100 
Cable plug Type 2516 acc. to DIN EN 175301 - 803 Form C
Note:
• Delivery of cable plug includes a flat seal and a fixing screw.
• Further versions of cable plug with circuitry acc. to DIN EN 175 301 - 803 Form C as well as detailed technical data, see datasheet
Type 2516 .
Cable plug
Version
Voltage
Current
Article no.
Without circuitry
0…250 V AC/DC
Max. 6 A
303141 
With LED
12…24 V AC/DC
Max. 3 A
303145 
With LED and varistor
12…24 V AC/DC
Max. 3 A
303148 
With rectifier, LED and
varistor
12…24 V AC/DC
Max. 1 A
303142 
Cable plug Type 2507 acc. to industry standard connector Form B
Note:
• Delivery of cable plug includes a flat seal and a fixing screw.
• Further versions of cable plug with circuitry acc. to industry standard connector Form B as well as detailed technical data, see
datasheet Type 2507 .
Cable plug
Version
Voltage
Article no.
Without circuitry (standard)
2…250 V AC/DC
423845 
With LED
24 V AC/DC
423849 
With LED and free-wheeling
diode
12…24 V AC/DC
423851 
With rectifier, LED and varistor
12…24 V AC/DC
423853 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com