Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7012 Datasheet(PDF) 20 Page - Christian Bürkert GmbH & Co. KG

Part # 7012
Description  Direct-acting 3/2-way plunger valve
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

7012 Datasheet(HTML) 20 Page - Christian Bürkert GmbH & Co. KG

Back Button 7012 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Type 7012
20 | 26
Visit product website 
Circuit function
Port
connection
Orifice C
V value
water 1.)
Voltage/
Frequency/
Power
Maximum
duty cycle
Pressure range 2.)3.) (MAWP 4.))
Article no.
Ambient
temperature 167 °F
Ambient
temperature 131 °F
Brass body
Stainless
steel body
Air + water
Air + water
FKM seal
[mm]
[gal/min] [V/Hz/W]
[psi]
[psi]
CF D
3/2-way solenoid
valve
Direct-acting
Normally open
2(B)
1(P)
3(R)
Manifold
(FK01)
1.2
0.05
24 / DC / 5.5
100 % ED
0…145
0…145
390450 
390452 
24 / 60 / 4
0…145
0…145
o. r.
o. r.
120 / 60 / 4
0…145
0…145
o. r.
o. r.
240 / 60 / 4
0…145
0…145
o. r.
o. r.
1.6
0.07
24 / DC / 5.5
100 % ED
0…87
0…87
390462 
390464 
24 / 60 / 4
0…87
0…87
o. r.
o. r.
120 / 60 / 4
0…87
0…87
o. r.
o. r.
240 / 60 / 4
0…87
0…87
o. r.
o. r.
2.0 5.)
0.13
24 / DC / 5.5
100 % ED
0…116
0…116
o. r.
o. r.
24 / 60 / 4
0…102
0…102
o. r. 6.)
o. r. 6.)
120 / 60 / 4
0…102
0…102
o. r. 6.)
o. r. 6.)
240 / 60 / 4
0…102
0…102
o. r. 6.)
o. r. 6.)
o. r.: on request
1.) Measurement at + 68 °F, 14.5 2.) bar at the valve inlet and free outlet
2.) Pressure data: overpressure to atmospheric pressure and air as a medium
3.) Number of switching cycles under laboratory conditions (FKM seal, oiled air, unpressurised, DC): 5 million. Please note that an increase in switching pressure can limit the life of the
seat seal.
4.) Maximum allowable working pressure
5.) Limited swelling compensation
6.) Can also be feasible with coil size 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com