Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B84142-A10-R Datasheet(PDF) 5 Page - EPCOS

Part # B84142-A10-R
Description  Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 10 to 60 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84142-A10-R Datasheet(HTML) 5 Page - EPCOS

  B84142-A10-R Datasheet HTML 1Page - EPCOS B84142-A10-R Datasheet HTML 2Page - EPCOS B84142-A10-R Datasheet HTML 3Page - EPCOS B84142-A10-R Datasheet HTML 4Page - EPCOS B84142-A10-R Datasheet HTML 5Page - EPCOS B84142-A10-R Datasheet HTML 6Page - EPCOS B84142-A10-R Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
177 03/01
2-Line Filters
B84142-A*-R
for Converters and Power Electronics
Insertion loss (typical values at Z = 50
Ω)
unsymmetrical, adjacent branches terminated
common mode, all branches in parallel (asymmetrical)
differential mode (symmetrical)
B84142-A10-R
B84142-A20-R
B84142-A30-R
B84142-A40-R
SSB1516-3
0
10
10
10
Hz
8
7
6
10
f
α
e
10
10
20
30
40
50
60
70
80
90
100
dB
120
5
4
SSB1517-B
0
f
α
e
10
20
30
40
50
60
70
80
90
100
dB
120
4
10
5
10
10 6
Hz
7
10
8
10
SSB1518-J
0
f
α
e
10
20
30
40
50
60
70
80
90
100
dB
120
4
10
5
10
10 6
Hz
7
10
8
10
SSB1519-S
0
f
α
e
10
20
30
40
50
60
70
80
90
100
dB
120
4
10
5
10
10 6
Hz
7
10
8
10



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com