Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B84142-A20-R Datasheet(PDF) 3 Page - EPCOS

Part # B84142-A20-R
Description  Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 10 to 60 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84142-A20-R Datasheet(HTML) 3 Page - EPCOS

  B84142-A20-R Datasheet HTML 1Page - EPCOS B84142-A20-R Datasheet HTML 2Page - EPCOS B84142-A20-R Datasheet HTML 3Page - EPCOS B84142-A20-R Datasheet HTML 4Page - EPCOS B84142-A20-R Datasheet HTML 5Page - EPCOS B84142-A20-R Datasheet HTML 6Page - EPCOS B84142-A20-R Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
175 03/01
2-Line Filters
B84142-A*-R
for Converters and Power Electronics
Dimensional drawings
B84142-A10-R
B84142-A20-R
SSB1522-C
ø4,7±0,1
133
101,6±0,3
154,8
PE M4 x 15
LINE
LOAD
Anschlussklemmen 4 mm 2
70
50,8
7,5
Marking
Terminal blocks 4 mm2
SSB1523-K
6,3
50,8±0,3
99
24±1
35±1
Anschlussklemmen 4 mm 2
0,8±0,1
35±1
24±1
+1
0,6
68 _
Anschluss-
klemmen 4 mm2
121+1
LINE
LOAD
Marking
PE M5 x 20
Terminal blocks 4 mm2
Terminal blocks
4 mm2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com