Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4635588 Datasheet(PDF) 3 Page - Turck, Inc.

Part # 4635588
Description  Inductive Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

4635588 Datasheet(HTML) 3 Page - Turck, Inc.

  4635588 Datasheet HTML 1Page - Turck, Inc. 4635588 Datasheet HTML 2Page - Turck, Inc. 4635588 Datasheet HTML 3Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
3|3
Mounting instructions
Mounting instructions/Description
Distance D
2 x B
Distance W
3 x Sn
Distance T
3 x B
Distance S
1.5 x B
Distance G
6 x Sn
Diameter active
area B
Ø 12 mm
Accessories
QM-12
6945101
Quick-mount bracket with dead-stop;
material: Chrome-plated brass. Male
thread M16 × 1. Note: The switching
distance of the proximity switches
may change when using quick-mount
brackets.
BST-12B
6947212
Mounting clamp for threaded barrel
sensors, with dead-stop; material:
PA6
MW-12
6945003
Mounting bracket for threaded barrel
sensors; material: Stainless steel A2
1.4301 (AISI 304)
BSS-12
6901321
Mounting clamp for smooth and
threaded barrel sensors; material:
Polypropylene



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com