Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM62A32AMLHAAMB Datasheet(PDF) 64 Page - Texas Instruments

Part # AM62A32AMLHAAMB
Description  AM62Ax Sitara™ Processors
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM62A32AMLHAAMB Datasheet(HTML) 64 Page - Texas Instruments

Back Button AM62A32AMLHAAMB Datasheet HTML 60Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 61Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 62Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 63Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 64Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 65Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 66Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 67Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 238 page
background image
Table 6-40. MCSPI2 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
SPI2_CS0
IO
SPI Chip Select 0
AB6, B21, D17
SPI2_CS1
IO
SPI Chip Select 1
A19, AB8, C17
SPI2_CS2
IO
SPI Chip Select 2
AA7, B18, E16
SPI2_CS3
IO
SPI Chip Select 3
A20, B16, W9
SPI2_D0
IO
SPI Data 0
C19, E14, W7
SPI2_D1
IO
SPI Data 1
B19, D15, Y8
6.3.15.2 MCU Domain
Table 6-41. MCU_MCSPI0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
MCU_SPI0_CLK
IO
SPI Clock
B13
MCU_SPI0_CS0
IO
SPI Chip Select 0
E11
MCU_SPI0_CS1
IO
SPI Chip Select 1
C11
MCU_SPI0_CS2
IO
SPI Chip Select 2
B9, C9
MCU_SPI0_CS3
IO
SPI Chip Select 3
C7
MCU_SPI0_D0
IO
SPI Data 0
A15
MCU_SPI0_D1
IO
SPI Data 1
B12
Table 6-42. MCU_MCSPI1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
MCU_SPI1_CLK
IO
SPI Clock
B9, C8
MCU_SPI1_CS0
IO
SPI Chip Select 0
C10
MCU_SPI1_CS1
IO
SPI Chip Select 2
D7
MCU_SPI1_CS2
IO
SPI Chip Select 2
B9, E9
MCU_SPI1_CS3
IO
SPI Chip Select 3
E8
MCU_SPI1_D0
IO
SPI Data 0
B11
MCU_SPI1_D1
IO
SPI Data 1
D10
6.3.16 MDIO
6.3.16.1 MAIN Domain
Table 6-43. MDIO0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
MDIO0_MDC
O
MDIO Clock
V12
MDIO0_MDIO
IO
MDIO Data
V13
6.3.17 MMC
6.3.17.1 MAIN Domain
Table 6-44. MMC0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
MMC0_CLK
IO
MMC/SD/SDIO Clock
AB7
MMC0_CMD
IO
MMC/SD/SDIO Command
Y6
MMC0_DAT0
IO
MMC/SD/SDIO Data
AA6
MMC0_DAT1
IO
MMC/SD/SDIO Data
AB6
MMC0_DAT2
IO
MMC/SD/SDIO Data
Y7
MMC0_DAT3
IO
MMC/SD/SDIO Data
AA7
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1
SPRSP77A – MARCH 2023 – REVISED AUGUST 2023
www.ti.com
64
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com