Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B84142-A50-R Datasheet(PDF) 2 Page - EPCOS

Part # B84142-A50-R
Description  Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 10 to 60 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84142-A50-R Datasheet(HTML) 2 Page - EPCOS

  B84142-A50-R Datasheet HTML 1Page - EPCOS B84142-A50-R Datasheet HTML 2Page - EPCOS B84142-A50-R Datasheet HTML 3Page - EPCOS B84142-A50-R Datasheet HTML 4Page - EPCOS B84142-A50-R Datasheet HTML 5Page - EPCOS B84142-A50-R Datasheet HTML 6Page - EPCOS B84142-A50-R Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
174 03/01
2-Line Filters
B84142-A*-R
for Converters and Power Electronics
Typical circuit diagram
Technical data
Characteristics and ordering codes
Rated voltage VR
250 V~, 50/60 Hz
Rated current IR
Referred to 40
°C ambient temperature
Test voltage VP
1770 V–, 2 s (line/line)
2700 V–, 2 s (lines/case)
Overload capability
1,5 · IR for 3 min per hour or
2,5 · IR for 30 s per hour
Leakage current Ileak
at 250 V~, 50 Hz
Climatic category
25/100/21 (– 25
°C/+ 100 °C/21 days damp heat test)
in accordance with EN 60068-1
IR
A
Terminal
cross section
mm2
Ileak
mA
Rtyp
m
Ω
Approx.
weight
kg
Ordering code
10
4
< 8
18
0,55
B84142-A10-R
20
4
< 8
10
1,0
B84142-A20-R
30
6
< 8
5
1,0
B84142-A30-R
40
6
< 17
3,6
1,0
B84142-A40-R
50
16
< 26
1,8
2,5
B84142-A50-R
60
16
< 26
1,4
2,5
B84142-A60-R
L
N
SSB1515-U
N’
L’
LINE
LOAD



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com