Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM27 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM27
Description  SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM27 Datasheet HTML 1Page - National Semiconductor (TI) LM27 Datasheet HTML 2Page - National Semiconductor (TI) LM27 Datasheet HTML 3Page - National Semiconductor (TI) LM27 Datasheet HTML 4Page - National Semiconductor (TI) LM27 Datasheet HTML 5Page - National Semiconductor (TI) LM27 Datasheet HTML 6Page - National Semiconductor (TI) LM27 Datasheet HTML 7Page - National Semiconductor (TI) LM27 Datasheet HTML 8Page - National Semiconductor (TI) LM27 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Ordering Information
For more detailed information on the suffix meaning see the part number template at the end of the Electrical Charac-
teristics Section. Contact National Semiconductor for other set points and output options.
Order Number
Top Mark
NS Package
Number
Trip Point Setting
Output Function
Bulk Rail
3000 Units in Tape
& Reel
LM27CIM5-ZHJ
LM27CIM5X-ZHJ
TZHJ
MA05B
120˚C
Open Drain OS
LM27CIM5-1HJ
LM27CIM5X-1HJ
T1HJ
MA05B
130˚C
Open Drain OS
LM27CIM5-2HJ
LM27CIM5X-2HJ
T2HJ
MA05B
140˚C
Open Drain OS
Connection Diagram
20030702
Pin Descriptions
Pin Number
Pin Name
Function
Connection
1
HYST
Hysteresis control, digital
input
GND for 10˚C or V
+ for 2˚C
2
GND
Ground, connected to the
back side of the die through
lead frame.
System GND
3V
TEMP
Analog output voltage
proportional to temperature
Leave floating or connect to a high impedance
node.
4V
+
Supply input
2.7V to 5.5V with a 0.1µF bypass capacitor.
For PSRR information see Section Titled
NOISE CONSIDERATIONS.
5OS
Overtemperature Shutdown
open-drain active low
thermostat digital output
Controller interrupt, system or power supply
shutdown; pull-up resistor
≥ 10kΩ
OS
Overtemperature Shutdown
totem-pull active high
thermostat digital output
Controller interrupt, system or power supply
shutdown
US
Undertemperature Shutdown
open-drain active low
thermostat digital output
System or power supply shutdown; pull-up
resistor
≥ 10kΩ
US
Undertemperature Shutdown
totem-pull active high
thermostat digital output
System or power supply shutdown
Note: pin 5 functionality and trip point setting are programmed during LM27 manufacture.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com