Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1771TMM Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1771TMM
Description  Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1771TMM Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM1771TMM Datasheet HTML 4Page - National Semiconductor (TI) LM1771TMM Datasheet HTML 5Page - National Semiconductor (TI) LM1771TMM Datasheet HTML 6Page - National Semiconductor (TI) LM1771TMM Datasheet HTML 7Page - National Semiconductor (TI) LM1771TMM Datasheet HTML 8Page - National Semiconductor (TI) LM1771TMM Datasheet HTML 9Page - National Semiconductor (TI) LM1771TMM Datasheet HTML 10Page - National Semiconductor (TI) LM1771TMM Datasheet HTML 11Page - National Semiconductor (TI) LM1771TMM Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Application Information
THEORY OF APPLICATION
The LM1771 synchronous buck controller has a control
scheme that is referred to as adaptive on-time control. This
topology relies on a fixed switch on-time to regulate the
output voltage. This on-time is internally set by EEPROM
and is available with three different set-points to allow for
different frequency options. The LM1771 automatically ad-
justs the on-time during operation inversely with the input
voltage (VIN) to maintain a constant frequency. Therefore
the switching frequency during continuous conduction mode
is independent of the inductor and capacitor size unlike
hysteretic switchers.
At the beginning of the cycle the LM1771 turns on the high
side PFET for a fixed duration. This on-time is predetermined
(internally set by EEPROM and adjusted by V
IN) and the
switch will not turn off until the timer has completed its
period. The PFET will then turn off for a minimum pre-
determined time period. This minimum T
OFF of 150ns is
internally set and cannot be adjusted. This is to prevent false
triggering from occurring on the comparator due to noise
from the SW node transition. After the minimum T
OFF period
has expired, the PFET will remain off until the comparator
trip-point has been reached. Upon passing this trip-point (set
at 0.8V at the feedback pin), the PFET will turn back on and
the process will repeat, thus regulating the output.
The NFET control is complementary to the PFET control with
the exception of a short dead-time to prevent shoot through
from occurring.
DEVICE OPERATION
Timing Opinion
Three versions of the LM1771 are available each with a
predetermined T
ON set internally by EEPROM. This TON
setting will determine the switching frequency for the appli-
cation. Derivation and calculation of the switching frequen-
cy’s dependence on V
IN and TON can be seen in the follow-
ing section.
In a PWM buck switcher the following equations can be
manipulated to obtain the switching frequency. The first
equation shows the standard duty-cycle equation given by
the volts-seconds balance on the inductor with the following
equations defining standard relationships:
T
ON =Dx TP
Using these equations and solving for duty-cycle:
D=f
SW xTON
Frequency can now be expressed as:
Or simply written as:
where,
α =V
IN xTON
To maintain a set frequency in an application,
α is always
held constant by varying T
ON inversely with VIN. The three
versions of the LM1771 are identified by the on times at a
V
IN of 3.3V for consistency. For clarification see the table
below:
Product ID
T
ON @ 3.3V
α (V µs)
LM1771S
0.5µs
1.65
LM1771T
1.0µs
3.3
LM1771U
2.0µs
6.6
The variation of T
ON versus VIN can also be expressed
graphically. These graphs can be found in the typical curves
section of the datasheet.
With
α being a constant regardless of the version of the
LM1771 used, equation [6] shows that the only dependent
variable remaining is V
OUT. Since VOUT will be a constant in
any application, the frequency will also remain constant. The
switching frequency at which the application runs depends
upon the V
OUT desired and the LM1771 version chosen. For
any V
OUT, three frequency options (LM1771 versions) can
be selected. This can be seen in the table below. The rec-
ommended frequency range of operation is 100kHz to
1000kHz.
VOUT
Timing Options
500ns
1000ns
2000ns
0.8
485
242
121
1
606
303
152
1.2
727
364
182
1.5
909
455
227
1.8
1091
545
273
2.5
1515
758
379
3.3
2000
1000
500
Switching Frequency (kHz) of LM1771 based on output voltage and timing
option.
SHORT-CIRCUIT PROTECTION
The LM1771 has an internal short circuit comparator that
constantly monitors the feedback node (except during soft-
start). If the feedback voltage drops below 0.55V (equivalent
to the output voltage dropping below 68% of nominal), the
comparator will trip causing the part to latch off. The LM1771
will not resume switching until the input voltage is taken
below the UVLO threshold and then brought back into its
normal operating range, or the part is disabled then re-
enabled through the enable pin. The purpose of this function
is to prevent a severe short circuit from causing damage to
the application. Due to the fast transient response of the
LM1771 a severe short on the output causing the feedback
to drop would only occur if the load applied had an effective
resistance that approaches the PMOS R
DS(ON).
PRECISION ENABLE
The LM1771 features a precision enable circuit. If the volt-
age on the EN pin is 1.2V or greater, the part is enabled and
switching will occur. If the enable voltage falls below 1.2V,
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com