Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3280 Datasheet(PDF) 13 Page - Christian Bürkert GmbH & Co. KG

Part # 3280
Description  Electromotive 2-way globe proportional valve
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3280 Datasheet(HTML) 13 Page - Christian Bürkert GmbH & Co. KG

Back Button 3280 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 3280 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Type 3280
13 | 18
Visit product website 
6.2. Pressure range
Standard version
Note:
For orders from our standard product range, use the product filter in our eShop (see “9.1. Bürkert eShop” on page 17).
Alternatively, you can use the Product Enquiry Form (see “9.4. Bürkert Product Enquiry Form” on page 18) for information about the
device layout and send it to us after completion.
Valve function
Seat size
Port connection
K
VS-value
Pressure range
[mm]
[m³/h]1.)
[bar(g)]
Control valve, without
safety position in case of
power failure
1
G ¼
0.030
0…6
1.5
G ¼
0.065
0…6
2
G ¼
0.130
0…6
3
G ¼
0.300
0…6
4
G ⅜
0.500
0…6
5
G ⅜
0.750
0…6
6
G ⅜
0.900
0…6
8
G ½
1.500
0…6
10
G ½
1.900
0…6
1.) Flow value for water, measurement at + 20 °C, 1 bar pressure difference above the fully open valve
High-pressure version
Note:
• For orders from our standard product range, use the product filter in our eShop (see “9.1. Bürkert eShop” on page 17).
Alternatively, you can use the Product Enquiry Form (see “9.4. Bürkert Product Enquiry Form” on page 18) for information about the
device layout and send it to us after completion.
• For applications requiring a higher operating pressure, high-pressure versions are available. Please note that for the high-pressure
version, the control in the lower range of the characteristic curve (< 5 % of the max. set point) can be impaired.
Valve function
Seat size
Port connection
K
VS-value
Pressure range fluid
media
Pressure range
gaseous media
[mm]
[m³/h]1.)
[bar(g)]
[bar(g)]
Control valve, without
safety position in case
of power failure
1
G ¼
0.030
0…15
0…22
1.5
G ¼
0.065
0…15
0…22
2
G ⅜
0.130
0…15
0…22
3
G ⅜
0.300
0…15
0…22
4
G ⅜
0.500
0…122.)
0…122.)
5
G ⅜
0.750
0…122.)
0…122.)
6
G ⅜
0.900
0…15
0…16
8
G ½
1.500
0…12
0…12
10
G ½
1.900
0…10
0…10
1.) Flow value for water, measurement at + 20 °C, 1 bar pressure difference above the fully open valve
2.) Pressure range 0…12 bar for sealing material FKM, pressure range 0…15 bar for sealing material EPDM, NBR
Further versions on request
Additional
Variant with vent hole:
Valve with vent hole to detect wear of the stem seal
(optional).
Voltage
Variant with connections above the valve inlet:
Valve with the electrical connections above the valve inlet
(optional)
Temperature
Low temperature variant:
Suitable for minimum medium temperatures down to - 30 °C
(sealing material EPDM) (optional)
5
bar
0
Pressure
Vacuum variant:
This variant is suitable up to - 0.9 bar(g) (optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com