Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3320 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 3320
Description  Electromotive 2/2-way angle seat valve (ON/OFF)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3320 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 3320 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Type 3320
7 | 22
Visit product website 
B1
B2
Nominal diameter (Pipe)
Height/Width1.)
DN
NPS
H1/B1
Standard version
H2/B22.)
Fieldbus version (KOMM ≠ G, N, L))
15
½
311
362
20
¾
319
369
25
1
321
372
32
1¼
330
381
40
1½
333
384
50
2
367
418
1.) Dimensions without tight-closing function: in closed position the actuator additionally lifts by approx. 2 mm. Body with threaded connection.
2.) Optional: integrated fieldbus gateway



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com