Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3320 Datasheet(PDF) 21 Page - Christian Bürkert GmbH & Co. KG

Part # 3320
Description  Electromotive 2-way angle seat control valve
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3320 Datasheet(HTML) 21 Page - Christian Bürkert GmbH & Co. KG

Back Button 3320 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG 3320 Datasheet HTML 25Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Type 3360
21 | 26
Visit product website 
Safety position via energy storage (optional)
AG2
AG3
The safety starting positions in case of power inter-
ruption is realized with the optional energy storage
SAFEPOS energy-pack. The desired position is set
via the menu. In addition to the end positions (open/
closed), any desired intermediate position can be
defined here. The energy storage has a lifespan of
up to 10 years, depending on the operating condi-
tions. The power of the energy storage is monitored
and a warning is displayed to indicate its life is com-
ing to an end. The storage device is designed as a
plug-in module to facilitate replacement. Without
energy storage, the valve remains in the last position
it was in. The energy storage device is fully charged
and ready for operation after a maximum of 120
seconds (depending on the operating conditions).
The energy storage device cannot be retrofitted in
the field.
SAFEPOS
energy-pack
Fieldbus: EtherNet/IP, PROFINET, Modbus TCP (optional)
The fieldbus gateway for EtherNet/IP, PROFINET
and Modbus TCP is integrated in an additional
module. It has 2 fieldbus connections with 4-pin
M12 circular sockets. The interfaces for the fieldbus
connection and the status LEDs are located under
the gateway housing cover. If there is a need for it to
be include in a network then the configuration of the
Ethernet can be performed via the web server. The
gateway cannot be retrofitted in the field.
Display module
FIeldbus gateway
Fieldbus M12 connection
(2 Port Ethernet Switch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com