Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3323 Datasheet(PDF) 13 Page - Christian Bürkert GmbH & Co. KG

Part # 3323
Description  Electromotive 2-way diaphragm control valve
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3323 Datasheet(HTML) 13 Page - Christian Bürkert GmbH & Co. KG

Back Button 3323 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 3323 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 3323 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 3323 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 3323 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 3323 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 3323 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 3323 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 3323 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Type 3363
13 | 35
Visit product website 
40
1 ½"
38.10
1.65
50.50
140.00
27.60
52.40
TG05
-
40
1 ½"
38.10
1.65
50.50
159.00
27.60
52.40
TG05
AF34
50
2"
50.80
1.65
64.00
159.00
35.50
68.30
TG06
-
50
2"
50.80
1.65
64.00
190.00
35.50
68.30
TG06
AF34
65
2 ½"
63.50
1.65
77.50
249.00
43.00
83.50
TG07
-
80
2 ½"
63.50
1.65
77.50
216.00
51.00
98.10
TG07
-
80
3"
76.20
1.65
91.00
222.00
51.00
98.10
TG08
-
100 2.)
4"
101.60
2.11
119.00
306.00
63.50
127.00
TG09
-
1.) This information is part of the product key (see “7.4. Bürkert Product Enquiry Form” on page 34).
2.) Only available as block material



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com